Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD87A34FVM-TR Datasheet(PDF) 1 Page - Rohm

Part # BD87A34FVM-TR
Description  Voltage Detector ICs with Watchdog Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD87A34FVM-TR Datasheet(HTML) 1 Page - Rohm

  BD87A34FVM-TR Datasheet HTML 1Page - Rohm BD87A34FVM-TR Datasheet HTML 2Page - Rohm BD87A34FVM-TR Datasheet HTML 3Page - Rohm BD87A34FVM-TR Datasheet HTML 4Page - Rohm BD87A34FVM-TR Datasheet HTML 5Page - Rohm BD87A34FVM-TR Datasheet HTML 6Page - Rohm BD87A34FVM-TR Datasheet HTML 7Page - Rohm BD87A34FVM-TR Datasheet HTML 8Page - Rohm BD87A34FVM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Voltage Detectors
Voltage Detector ICs with Watchdog Timer
BD37Axx Series
BD87Axx Series
BD99A41F
General Description
The BD37A19FVM, BD37A41FVM, BD87A28FVM,
BD87A29FVM,
BD87A34FVM,
BD87A41FVM
and
BD99A41F are watchdog timer reset ICs. It delivers a
high precision detection voltage of
±1.5% and a
super-low current consumption of 5 µA (Typ). It can be
used in a wide range of electronic devices to monitor
power supply voltages and in system operation to
prevent runaway operation.
Features
 Built-in Watchdog Timer
 Reset delay time can be set with the CT pin's
external capacitance
 Watchdog timer monitor time and reset time can be
set with the CTW pin's external capacitance.
 Output Circuit Type: N-Channel Open Drain
Applications
All devices using microcontrollers or DSP, including
vehicle equipment, displays, servers, DVD players,
and telephone systems
Key Specifications
 RESET Power Supply Voltage Range: 1.0V to 10V
 WDT Power Supply Voltage Range:
2.5V to 10V
 High Precision Detection Voltage:
(Ta = 25°C)
±1.5%
(Ta =
−40°C to 105°C)
±2.5%
 Super-Low Current Consumption:
5
μA(Typ)
 Operating Temperature Range:
-40°C to +105°C
Packages
W (Typ) x D (Typ) x H (Max)
 MSOP8
2.90mm x 4.00mm x 0.90mm
 SOP8
5.00mm x 6.20mm x 1.71mm
Ordering Information
B
D
3
7
A
1
9
F
V
M
-
T R
Part Number
37A:WDT H Active
87A:WDT L Active
99A:WDT H Active
Detection Voltage
19:1.9V
28:2.8V
29:2.9V
34:3.4V
41:4.1V
Package
FVM : MSOP8
F
: SOP8
Packaging and forming specification
TR: Embossed tape and reel
E2: Embossed tape and reel
Lineup
Detection voltage (Typ)
INH logic
Package
Orderable
Part Number
1.9V
H: Active
MSOP8
Reel of 3000
BD37A19FVM-TR
4.1V
H: Active
MSOP8
Reel of 3000
BD37A41FVM-TR
2.8V
L: Active
MSOP8
Reel of 3000
BD87A28FVM-TR
2.9V
L: Active
MSOP8
Reel of 3000
BD87A29FVM-TR
3.4V
L: Active
MSOP8
Reel of 3000
BD87A34FVM-TR
4.1V
L: Active
MSOP8
Reel of 3000
BD87A41FVM-TR
4.1V
H: Active
SOP8
Reel of 2500
BD99A41F-E2
○Product structure:Silicon monolithic integrated circuit ○This product has not designed protection against radioactive rays
.
1/15
TSZ02201-0G1G0AN00130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
05.Sep.2014 Rev.003
TSZ22111・14・001
www.rohm.com
Datasheet


Similar Part No. - BD87A34FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD87A34FVM-TR ROHM-BD87A34FVM-TR Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results

Similar Description - BD87A34FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_10 Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com