Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD71L4L-1 Datasheet(PDF) 7 Page - Rohm

Part # BD71L4L-1
Description  CMOS Over Voltage Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD71L4L-1 Datasheet(HTML) 7 Page - Rohm

Back Button BD71L4L-1 Datasheet HTML 3Page - Rohm BD71L4L-1 Datasheet HTML 4Page - Rohm BD71L4L-1 Datasheet HTML 5Page - Rohm BD71L4L-1 Datasheet HTML 6Page - Rohm BD71L4L-1 Datasheet HTML 7Page - Rohm BD71L4L-1 Datasheet HTML 8Page - Rohm BD71L4L-1 Datasheet HTML 9Page - Rohm BD71L4L-1 Datasheet HTML 10Page - Rohm BD71L4L-1 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/14
BD71L4L-1 series
TSZ02201-0R7R0G300030-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
08.Jun.2016.Rev.005
www.rohm.com
TSZ22111・15・001
Application Information
1. Explanation of Operation
The detection and release voltages are used as threshold voltages. When the voltage applied to VDD pin reaches
the appropriate threshold voltage, OUT pin voltage switches from either “High” to “Low” or from “Low” to “High”.
Please refer to the Timing Waveform and Electrical Characteristics for information on hysteresis.
Because the BD71L4L-1 uses an open drain output type, it is necessary to connect a pull-up resistor to VDD or
another power supply if needed [The output “High” voltage (VOUT) in this case becomes VDD or the voltage of the
other power supply].
Figure 14. Internal Block Diagram
2. Timing Waveform
Example: the following shows the relationship between the input voltage (VDD) and the output voltage (VOUT) when
the input power supply voltage (VDD) swept up and down (the circuit is shown in Figure 14).
1
When the power supply is turned on, the output is unstable from
after over the operating limit voltage (VOPL) until tPLH. Therefore it is
possible that the reset signal is not outputted when the rise time of
VDD is faster than tPLH.
2
When VDD is greater than VOPL but less than the reset
detection voltage (VDET), the output voltage will switch to High.
3
If VDD exceeds the reset detection voltage (VDET) when the
power supply is powered up, VOUT switches from H to L (with a
delay of tPHL).
4
If VDD drops below the release voltage (VDET - ∆ VDET) when the
power supply is powered down, VOUT switches to H (with a delay of
tPLH).
5
The potential difference between the detection voltage and the
release voltage is known as the hysteresis width (∆VDET).
Figure 15. Timing Waveform
Vref
R1
R2
VDD
GND
Q1
VOUT
R3
RL
VDD
VDET
VOPL
0V
VOUT
tPHL
tPHL
tPLH
VOL
VOH
VDET -ΔVDET
tPLH


Similar Part No. - BD71L4L-1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
BD71L4LHFV-1 ROHM-BD71L4LHFV-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
BD71L4LHFV-1TR ROHM-BD71L4LHFV-1TR Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
More results

Similar Description - BD71L4L-1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
BD71L4LHFV-1 ROHM-BD71L4LHFV-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
   CMOS Micropower Over/Under Voltage Detector
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com