Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3531F Datasheet(PDF) 2 Page - Rohm

Part # BD3531F
Description  Termination Regulator for DDR-SDRAMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3531F Datasheet(HTML) 2 Page - Rohm

  BD3531F Datasheet HTML 1Page - Rohm BD3531F Datasheet HTML 2Page - Rohm BD3531F Datasheet HTML 3Page - Rohm BD3531F Datasheet HTML 4Page - Rohm BD3531F Datasheet HTML 5Page - Rohm BD3531F Datasheet HTML 6Page - Rohm BD3531F Datasheet HTML 7Page - Rohm BD3531F Datasheet HTML 8Page - Rohm BD3531F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
BD3531F
2/15
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0J2J0A900950-1-2
02.Nov.2015 Rev.001
Pin Configuration
Pin Descriptions
Description of Blocks
1.
VCC
The VCC pin is for the independent power supply input that operates the internal circuit of the IC. It is the voltage at
this pin that drives the IC’s amplifier circuits. The VCC input ranges 5V and maximum current consumption is 4mA. A
bypass capacitor of 10
μF or so should be connected to this pin when using the IC in an application circuit.
2.
VDDQ
This is th
e power supply input pin for an internal voltage divider network. The voltage at VDDQ is halved by two 50kΩ
internal voltage-divider resistors and the resulting voltage serves as reference for the VTT output. Since VTT =
1/2VDDQ, the JEDEC requirement for DDR-SDRAM can be satisfied by supplying the correct voltage to VDDQ.
Noise input should be avoided at the VDDQ pin as it is also included by the voltage-divider at the output. An RC filter
consisting of a resistor and a capacitor (220Ω and 2.2μF, for instance,) may be used to reduce the noise input but
make sure that it will not significantly affect the voltage-
divider’s output.
3.
VTT_IN
VTT_IN is the
power supply input pin for the VTT output. Input voltage may range from 1.0V to 5.5V, but
consideration must be given to the current limit dictated by the ON-Resistance of the IC and to the change in allowable
loss due to input/output voltage difference.
Generally, the following voltages are supplied:
・ DDR I
VVTT_IN =2.5V
・ DDRII
VVTT_IN =1.8V
Take note that a high-impedance voltage input at VTT_IN may result in oscillation or degradation in ripple rejection, so
connecting a 100
μF capacitor with minimal change in capacitance to VTT_IN terminal is recommended. However,
this impedance may depend on the characteristics of the power supply input and the impedance of the PC board wiring,
which must be carefully checked before use.
4.
VREF
BD3531F provides a constant voltage, VREF, which is independent from the VTT output and can serve as reference
input for memory c
ontrollers and DRAMs. The voltage level of VREF is kept constant even if the EN pin is at “Low”
level, making the use of this IC compatible with the “Self Refresh” state of DRAMs.
In order to stabilize the output voltage, connecting the correct combination of capacitor and resistor to VREF is
necessary. For this purpose, a combination of 1.0μF to 2.2μF ceramic capacitor, characterized by minimal variation in
capacitance, and a 0.5Ω to 2.2Ω phase compensating resistor is recommended.
5.
VTTS
VTTS is a sense pin for the load regulation of the VTT output voltage. In case the wire connecting VTT pin and the load
is too long, connecting VTTS pin to the part of the wire nearer to the load may improve load regulation.
Pin No.
Pin Name
Pin Function
1
GND
GND Pin
2
EN
Enable Input Pin
3
VTTS
Detector Pin for Termination Voltage
4
VREF
Reference Voltage Output Pin
5
VDDQ
Reference Voltage Input Pin
6
VCC
VCC Pin
7
VTT_IN
Termination Input Pin
8
VTT
Termination Output Pin
VTT_IN
GND
EN
VTTS
VREF
VTT
VCC
VDDQ
1
2
3
4
5
6
7
8
TOP VIEW


Similar Part No. - BD3531F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3531F ROHM-BD3531F Datasheet
227Kb / 6P
   Regulator IC for Memory termination
BD3531F ROHM-BD3531F Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
More results

Similar Description - BD3531F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com