Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3538F-TR Datasheet(PDF) 1 Page - Rohm

Part # BD3538F-TR
Description  Termination Regulators for DDR-SDRAMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3538F-TR Datasheet(HTML) 1 Page - Rohm

  BD3538F-TR Datasheet HTML 1Page - Rohm BD3538F-TR Datasheet HTML 2Page - Rohm BD3538F-TR Datasheet HTML 3Page - Rohm BD3538F-TR Datasheet HTML 4Page - Rohm BD3538F-TR Datasheet HTML 5Page - Rohm BD3538F-TR Datasheet HTML 6Page - Rohm BD3538F-TR Datasheet HTML 7Page - Rohm BD3538F-TR Datasheet HTML 8Page - Rohm BD3538F-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
.
1/16
© 2015 ROHM Co., Ltd. All rights reserved.
02.Nov.2015 Rev.001
TSZ22111・14・001
www.rohm.com
TSZ02201-0J2J0A900980-1-2
Termination Regulators for DDR-SDRAMs
BD3538F
BD3538HFN
General Description
BD3538F/HFN is a termination regulator that complies
with JEDEC requirements for DDR-SDRAM. This
linear power supply uses a built-in N-channel MOSFET
and high-speed OP-AMPS specially designed to
provide
excellent
transient
response.
It
has
a
sink/source current capability of up to 1A and has a
power supply bias requirements of 3.3V to 5.0V for
driving the N-channel MOSFET. By employing
an
independent reference voltage input (VDDQ) and
a
feedback
pin
(VTTS),
this
termination
regulator
provides excellent output voltage accuracy and load
regulation
as
required
by
JEDEC
standards.
Additionally, BD3538 has a reference power supply
output
(VREF)
for
DDR-SDRAM
or
a
memory
controller. Unlike the VTT output that goes to
“Hi-Z”
state, the VREF output is kept unchanged when EN
input is changed to “Low”, making this IC suitable for
DDR-SDRAM under
“Self Refresh” state.
Features
Incorporates a push-pull power supply for
termination (VTT)
Incorporates a reference voltage circuit (VREF)
Incorporates an enabler
Incorporates an undervoltage lockout (UVLO)
Incorporates a thermal shutdown protector (TSD)
Compatible with Dual Channel (DDR-II)
Applications
Power supply for DDR I / II - SDRAM
Key Specifications
 Termination Input Voltage Range:
1.0V to 5.5V
 VCC Input Voltage Range:
2.7V to 5.5V
 VDDQ Reference Voltage Range:
1.0V to 2.75V
 Output Voltage:
1/2 x VVDDQ V(Typ)
 Output Current:
1.0A (Max)
 High side FET O-Resistance:
0.4
Ω(Typ)
 Low side FET ON-Resistance:
0.4
Ω(Typ)
 Standby Current:
0.5mA (Typ)
 Operating Temperature Range:
-40°C to +105°C
Packages
W(Typ) x D(Typ) x H(Max)
Typical Application Circuit, Block Diagram
SOP8
5.00mm x 6.20mm x 1.71mm
HSON8
2.90mm x 3.00mm x 0.60mm
VCC
VCC
VDDQ
VDDQ
VTT_IN
VCC
VCC
VCC
SOFT
UVLO
TSD
Reference
Block
Thermal
Protection
Enable
EN
GND
VREF
VTTS
VDDQ
½ x
VTT
VTT
VTT_IN
UVLO
TSD
EN
UVLO
TSD
EN
UVLO
VCC
TSD
EN
UVLO
EN
1
2
4
3
8
7
5
6
Datasheet
Datasheet


Similar Part No. - BD3538F-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F Datasheet
373Kb / 6P
   Silicon Monolithic Integrated Circuit
BD3538F ROHM-BD3538F Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
BD3538F ROHM-BD3538F Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538FVM ROHM-BD3538FVM Datasheet
126Kb / 5P
   Regulator IC for Memory Termination
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results

Similar Description - BD3538F-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com