Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4S11G2 Datasheet(PDF) 3 Page - Rohm

Part # BU4S11G2
Description  Single 2-Input NAND Gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4S11G2 Datasheet(HTML) 3 Page - Rohm

  BU4S11G2_15 Datasheet HTML 1Page - Rohm BU4S11G2_15 Datasheet HTML 2Page - Rohm BU4S11G2_15 Datasheet HTML 3Page - Rohm BU4S11G2_15 Datasheet HTML 4Page - Rohm BU4S11G2_15 Datasheet HTML 5Page - Rohm BU4S11G2_15 Datasheet HTML 6Page - Rohm BU4S11G2_15 Datasheet HTML 7Page - Rohm BU4S11G2_15 Datasheet HTML 8Page - Rohm BU4S11G2_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/12
TSZ02201-0RDR0GZ00170-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
30.Sep.2015 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BU4S11G2
Electrical Characteristics
(Unless otherwise specified, VSS=0V, TA=25°C)
Parameter
Symbol
Limits
Unit
Conditions
Figure
No.
Min
Typ
Max
VDD [V]
Input “H” Voltage
VIH
3.5
-
-
V
5
VOUT=0.5V
2
7.0
-
-
10
VOUT=1.0V
3
11.0
-
-
15
VOUT=1.5V
4
Input “L” Voltage
VIL
-
-
1.5
V
5
VOUT=4.5V
2
-
-
3.0
10
VOUT=9.0V
3
-
-
4.0
15
VOUT=13.5V
4
Input “H” Current
IIH
-
-
0.3
μA
15
VIH=15V
-
Input “L” Current
IIL
-
-
-0.3
μA
15
VIL=0V
-
Output “H” Voltage
VOH
4.95
-
-
V
5
IIOUT|<1μA
VIN=VSS
2
9.95
-
-
10
3
14.95
-
-
15
4
Output “L” Voltage
VOL
-
-
0.05
V
5
|IOUT|<1μA
VIN=VDD
2
-
-
0.05
10
3
-
-
0.05
15
4
Output “H” Current
IOH
-0.51
-
-
mA
5
VOH=4.6V
VIN=VSS
5
-2.1
-
-
5
VOH=2.5V
-1.3
-
-
10
VOH=9.5V
-3.4
-
-
15
VOH=13.5V
Output “L” Current
IOL
0.51
-
-
mA
5
VOL=0.4V
VIN=VDD
6
1.3
-
-
10
VOL=0.5V
3.4
-
-
15
VOL=1.5V
Quiescent Supply Current
IDD
-
-
0.25
μA
5
VIN=VDD or VSS
-
-
-
0.5
10
-
-
1.0
15
Parameter
Symbol
Limits
Unit
Conditions
Figure
No.
Min
Typ
Max
VDD [V]
Output Rising Time
tTLH
-
70
-
ns
5
CL=50pF
7
-
35
-
10
-
30
-
15
Output Falling Time
tTHL
-
70
-
ns
5
CL=50pF
8
-
35
-
10
-
30
-
15
“L” to ”H”
Propagation Delay Time
tPLH
-
85
-
ns
5
CL=50pF
9
-
40
-
10
-
30
-
15
“H” to ”L”
Propagation Delay Time
tPHL
-
85
-
ns
5
CL=50pF
10
-
40
-
10
-
30
-
15
Input Capacitance
CIN
-
5
-
pF
-
-
-


Similar Part No. - BU4S11G2_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
More results

Similar Description - BU4S11G2_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com