Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4S66G2 Datasheet(PDF) 7 Page - Rohm

Part # BU4S66G2
Description  Single Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4S66G2 Datasheet(HTML) 7 Page - Rohm

Back Button BU4S66G2 Datasheet HTML 3Page - Rohm BU4S66G2 Datasheet HTML 4Page - Rohm BU4S66G2 Datasheet HTML 5Page - Rohm BU4S66G2 Datasheet HTML 6Page - Rohm BU4S66G2 Datasheet HTML 7Page - Rohm BU4S66G2 Datasheet HTML 8Page - Rohm BU4S66G2 Datasheet HTML 9Page - Rohm BU4S66G2 Datasheet HTML 10Page - Rohm BU4S66G2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/12
TSZ02201-0RDR0GZ00270-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
30.Sep.2015 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BU4066BC BU4066BCF BU4066BCFV
Typical Performance Curves - continued
0
40
80
120
160
200
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=18V
0
40
80
120
160
200
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=18V
Figure 16. Propagation Delay Time CONT→OUT(tPLZ) vs
Ambient Temperature
Figure 17. Propagation Delay Time CONT→OUT(tPZL) vs
Ambient Temperature


Similar Part No. - BU4S66G2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S66G2 ROHM-BU4S66G2 Datasheet
162Kb / 5P
   Single Analog Switch
BU4S66G2 ROHM-BU4S66G2 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
BU4S66G2-TR ROHM-BU4S66G2-TR Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
More results

Similar Description - BU4S66G2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S66 ROHM-BU4S66 Datasheet
55Kb / 4P
   Single analog switch
logo
Renesas Technology Corp
HD74LVC1G66 RENESAS-HD74LVC1G66 Datasheet
101Kb / 10P
   Single Analog Switch
logo
Rohm
BU4S66G2 ROHM-BU4S66G2 Datasheet
162Kb / 5P
   Single Analog Switch
logo
Texas Instruments
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G66 UTC-U74LVC1G66_15 Datasheet
194Kb / 7P
   SINGLE BILATRAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501 Datasheet
83Kb / 10P
   Single SPST Analog Switch
November, 2003 ??Rev. 2
logo
Leshan Radio Company
L74VHC1G66 LRC-L74VHC1G66 Datasheet
268Kb / 8P
   Single Supply Analog Switch
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1633921 TI-1633921 Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com