Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4S11G2-TL Datasheet(PDF) 6 Page - Rohm

Part # BU4S11G2-TL
Description  Single 2-Input NAND Gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4S11G2-TL Datasheet(HTML) 6 Page - Rohm

Back Button BU4S11G2-TL Datasheet HTML 2Page - Rohm BU4S11G2-TL Datasheet HTML 3Page - Rohm BU4S11G2-TL Datasheet HTML 4Page - Rohm BU4S11G2-TL Datasheet HTML 5Page - Rohm BU4S11G2-TL Datasheet HTML 6Page - Rohm BU4S11G2-TL Datasheet HTML 7Page - Rohm BU4S11G2-TL Datasheet HTML 8Page - Rohm BU4S11G2-TL Datasheet HTML 9Page - Rohm BU4S11G2-TL Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/12
TSZ02201-0RDR0GZ00170-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
30.Sep.2015 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BU4S11G2
Typical Performance Curves - continued
Figure 5. Output “H” Current vs Output Voltage
Figure 6. Output “L” Current vs Output Voltage
Figure 7. Output Rising Time tTLH
Figure 8. Output Falling Time tTHL
-50
-40
-30
-20
-10
0
0
5
10
15
20
Output Voltage [V]
+85°C
+25°C
-40°C
VDD=5V
VDD=10V
+85°C
+25°C
-40°C
VDD=15V
+85°C
+25°C
-40°C
+85°C
+25°C
-40°C
VDD=3V
0
10
20
30
40
50
60
0
5
10
15
20
Output Voltage [V]
VDD=15V
-40°C
+25°C
+85°C
VDD=5V
-40°C
+25°C
+85°C
VDD=10V
-40°C
+25°C
+85°C
VDD=3V
-40°C
+25°C
+85°C
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=16V
VDD=10V
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
VDD=3V
VDD=5V
VDD=16V
VDD=10V
Operating Temperature Range


Similar Part No. - BU4S11G2-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
More results

Similar Description - BU4S11G2-TL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com