Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4S66G2-TL Datasheet(PDF) 3 Page - Rohm

Part # BU4S66G2-TL
Description  Single Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4S66G2-TL Datasheet(HTML) 3 Page - Rohm

  BU4S66G2-TL Datasheet HTML 1Page - Rohm BU4S66G2-TL Datasheet HTML 2Page - Rohm BU4S66G2-TL Datasheet HTML 3Page - Rohm BU4S66G2-TL Datasheet HTML 4Page - Rohm BU4S66G2-TL Datasheet HTML 5Page - Rohm BU4S66G2-TL Datasheet HTML 6Page - Rohm BU4S66G2-TL Datasheet HTML 7Page - Rohm BU4S66G2-TL Datasheet HTML 8Page - Rohm BU4S66G2-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/12
TSZ02201-0RDR0GZ00270-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
30.Sep.2015 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BU4S66G2
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
DC Characteristics (Unless otherwise specified VSS=0V, TA=25°C)
Input “H” Voltage
VIH
3.5
-
-
V
VDD=5V
-
7.0
-
-
VDD=10V
11.0
-
-
VDD=15V
Input “L” Voltage
VIL
-
-
1.5
V
VDD=5V
-
-
-
3.0
VDD=10V
-
-
3.75
VDD=15V
Input “H” Current
IIH
-
-
0.3
µA
VDD=15V
VIH=15V
Input “L” Current
IIL
-
-
-0.3
µA
VDD=15V
VIL=0V
ON Resistance
RON
-
500
600
Ω
VDD=5V
CONT=5V
VIN=2.5V
RL=10kΩ
-
120
500
VDD=10V
CONT=10V
VIN=5V
RL=10kΩ
-
80
280
VDD=15V
CONT=15V
VIN=7.5V
RL=10kΩ
ON Resistance Defluxion
△RON
-
25
-
Ω
VDD=5V
VIN=VDD/2
RL=10kΩ
-
10
-
VDD=10V
-
5
-
VDD=15V
Channel-OFF
Leakage Current
IOFF
-
-
0.3
µA
VDD=15V
VIN=15V
VOUT=0V
-
-
-0.3
VDD=15V
VIN=0V
VOUT=15V
Static Supply Current
IDD
-
-
1.0
µA
VDD=5V
VIN=VDD or VEE
-
-
2.0
VDD=10V
-
-
4.0
VDD=15V
Input Capacitance
(Control Input)
CC
-
8
-
pF
-
f=1MHz
Input capacitance
(Switch Input)
CS
-
10
-
pF
-
f=1MHz
Switching Characteristics (Unless otherwise specified VSS=0V, VCIN=VDD/VSS, TA=25°C, CL=50pF)
Propagation Delay Time
IN→OUT
tPLH
tPHL
-
15
-
ns
VDD=5V
RL=10kΩ
-
8
-
VDD=10V
-
5
-
VDD=15V
Propagation Delay Time
CONT→OUT
tPHZ,tPLZ
-
100
-
ns
VDD=5V
RL=10kΩ
-
70
-
VDD=10V
-
65
-
VDD=15V
Propagation Delay Time
CONT→OUT
tPZH,tPZL
-
80
-
ns
VDD=5V
RL=10kΩ
-
35
-
VDD=10V
-
25
-
VDD=15V
Maximum CONT
Frequency
fmax
(C)
-
10
-
MHz
VDD=5V
RL=1kΩ
-
12
-
VDD=10V
-
12
-
VDD=15V
Frequency Response
fmax
(I-O)
-
30
-
MHz
VDD=5V
VSS=-5V
RL=1kΩ, VIN=5VP-P
VOUT=-3dB
Feed Through Attenuation
FT
-
0.6
-
MHz
VDD=5V
VSS=-5V
RL=1kΩ, VIN=5VP-P
VOUT=-50dB
Sine Wave Distortion
D
-
0.05
-
%
VDD=5V
VSS=-5V
RL=10kΩ
VIN=5VP-P
Cross Talk
CONT→OUT
CTc
-
200
-
mV
VDD=5V
RIN=1kΩ
RL=10kΩ
CL=15pF
-
400
-
mV
VDD=10V
-
600
-
mV
VDD=15V


Similar Part No. - BU4S66G2-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S66G2-TR ROHM-BU4S66G2-TR Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
More results

Similar Description - BU4S66G2-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S66 ROHM-BU4S66 Datasheet
55Kb / 4P
   Single analog switch
logo
Renesas Technology Corp
HD74LVC1G66 RENESAS-HD74LVC1G66 Datasheet
101Kb / 10P
   Single Analog Switch
logo
Rohm
BU4S66G2 ROHM-BU4S66G2 Datasheet
162Kb / 5P
   Single Analog Switch
logo
Texas Instruments
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G66 UTC-U74LVC1G66_15 Datasheet
194Kb / 7P
   SINGLE BILATRAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501 Datasheet
83Kb / 10P
   Single SPST Analog Switch
November, 2003 ??Rev. 2
logo
Leshan Radio Company
L74VHC1G66 LRC-L74VHC1G66 Datasheet
268Kb / 8P
   Single Supply Analog Switch
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1633921 TI-1633921 Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com