Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4S71G2-TL Datasheet(PDF) 4 Page - Rohm

Part # BU4S71G2-TL
Description  Single 2-Input OR Gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4S71G2-TL Datasheet(HTML) 4 Page - Rohm

  BU4S71G2-TL Datasheet HTML 1Page - Rohm BU4S71G2-TL Datasheet HTML 2Page - Rohm BU4S71G2-TL Datasheet HTML 3Page - Rohm BU4S71G2-TL Datasheet HTML 4Page - Rohm BU4S71G2-TL Datasheet HTML 5Page - Rohm BU4S71G2-TL Datasheet HTML 6Page - Rohm BU4S71G2-TL Datasheet HTML 7Page - Rohm BU4S71G2-TL Datasheet HTML 8Page - Rohm BU4S71G2-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/12
TSZ02201-0RDR0GZ00190-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
30.Sep.2015 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BU4S71G2
Test Circuits
V
V
IH
V
OUT
1.V
IH
V V
OUT
2.V
IL
V VOH
3.V
OH
4.V
OL
I
OH
5.I
OH
6.I
OL
I
OUT
A
V
OH
I
OL
A
V
OL
V
IN
V
IN
V
IN
V
IN
V
IL
VSS
V V
OL
I
OUT
Description of Symbols
tPHL : Time from 50% of the fall edge of input waveform to 50% of
the fall edge of output waveform
tPLH : Time from 50% of the rise edge of input waveform to 50% of
the rise edge of output waveform
tTHL : Time from 90% to 10% of fall edge of output waveform
tTLH : Time from 10% to 90% of rise edge of output waveform
+
OUT
I
+
VSS
VSS
VSS
VSS
VDD
VDD
20ns
20ns
90%
50%
10%
90%
50%
10%
tPHL
tTLH
tTHL
tPLH
INPUT
OUTPUT
CL=50pF
7. tTLH, tTHL, tPLH, tPHL
INPUT
OUTPUT
+
+
+
+
IOUT


Similar Part No. - BU4S71G2-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
More results

Similar Description - BU4S71G2-TL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
   Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
   SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
   SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
   Single 2-Input OR Gate
November, 2015 ??Rev. 0
MC74HC1G32 ONSEMI-MC74HC1G32_16 Datasheet
81Kb / 6P
   Single 2-Input OR Gate
February, 2016 ??Rev. 14
logo
Nexperia B.V. All right...
74LVC1G32-Q100 NEXPERIA-74LVC1G32-Q100 Datasheet
217Kb / 12P
   Single 2-input OR gate
Rev. 6 - 18 January 2022
logo
ON Semiconductor
MC74VHC1G32 ONSEMI-MC74VHC1G32_13 Datasheet
122Kb / 6P
   Single 2-Input OR Gate
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com