Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU1CJA2MNVX-C Datasheet(PDF) 15 Page - Rohm

Part # BU1CJA2MNVX-C
Description  Ultra-Small Package FULL CMOS LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1CJA2MNVX-C Datasheet(HTML) 15 Page - Rohm

Back Button BU1CJA2MNVX-C Datasheet HTML 11Page - Rohm BU1CJA2MNVX-C Datasheet HTML 12Page - Rohm BU1CJA2MNVX-C Datasheet HTML 13Page - Rohm BU1CJA2MNVX-C Datasheet HTML 14Page - Rohm BU1CJA2MNVX-C Datasheet HTML 15Page - Rohm BU1CJA2MNVX-C Datasheet HTML 16Page - Rohm BU1CJA2MNVX-C Datasheet HTML 17Page - Rohm BU1CJA2MNVX-C Datasheet HTML 18Page - Rohm BU1CJA2MNVX-C Datasheet HTML 19Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
BUxxJA2MNVX-C series
15/17
TSZ02201-0G5G0A300030-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
11.Apr.2016 Rev.003
www.rohm.com
TSZ22111・15・001
Marking Diagram
Marking
5
4
3
2
Q
1
U
0
Y
R
Output Voltage
1.0V
1.2V
1.25V
1.5V
1.8V
2.5V
2.8V
2.85V
3.0V
3.3V
Part Number
BU10
BU12
BU1C
BU15
BU18
BU25
BU28
BU2J
BU30
BU33
SSON004R1010 (TOP VIEW)
Part Number Marking
LOT Number
1PIN MARK
X


Similar Part No. - BU1CJA2MNVX-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1CTD2WNVX-XTL ROHM-BU1CTD2WNVX-XTL Datasheet
566Kb / 12P
   high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
BU1CTD3WG ROHM-BU1CTD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU1CTD3WG-GTR ROHM-BU1CTD3WG-GTR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU1CTD3WG-TR ROHM-BU1CTD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU1CTD3WG-XTR ROHM-BU1CTD3WG-XTR Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
More results

Similar Description - BU1CJA2MNVX-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com