Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU18SD5WG-TR Datasheet(PDF) 6 Page - Rohm

Part # BU18SD5WG-TR
Description  CMOS LDO Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU18SD5WG-TR Datasheet(HTML) 6 Page - Rohm

Back Button BU18SD5WG-TR Datasheet HTML 2Page - Rohm BU18SD5WG-TR Datasheet HTML 3Page - Rohm BU18SD5WG-TR Datasheet HTML 4Page - Rohm BU18SD5WG-TR Datasheet HTML 5Page - Rohm BU18SD5WG-TR Datasheet HTML 6Page - Rohm BU18SD5WG-TR Datasheet HTML 7Page - Rohm BU18SD5WG-TR Datasheet HTML 8Page - Rohm BU18SD5WG-TR Datasheet HTML 9Page - Rohm BU18SD5WG-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Datasheet
Datasheet
6/17
TSZ02201-0G6G0A300600-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.05.31 Rev.003
www.rohm.com
TSZ22111・15・001
BUxxSD5 series
●Reference data BU18SD5WG (Unless otherwise specified, Ta=25℃.)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
200
400
600
800
1000
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20
40
60
80
100
Temperature Ta (℃)
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
Outut Current IOUT (mA)
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
-40
-20
0
20
40
60
80
100
Temperature Ta (℃)
Figure 7. Circuit Current vs. Output Current
Figure 8. OCP Threshold
Figure 9. Output Voltage vs. Temperature
Figure 10. Circuit Current vs. Temperature
VIN=3.5V
VSTBY=1.5V
VIN=3.5V
VSTBY=1.5V
IOUT=0.1mA
VIN=3.5V
VSTBY=1.5V
IOUT=0.1mA
Ta=105℃
Ta=25℃
Ta=-40℃
Output Current IOUT(mA)
VIN=3.5V
Ta=25℃
VSTBY=1.5V


Similar Part No. - BU18SD5WG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU18SD5WG-TR ROHM-BU18SD5WG-TR Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
More results

Similar Description - BU18SD5WG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com