Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2099FV Datasheet(PDF) 2 Page - Rohm

Part # BU2099FV
Description  4-input Serial-in / Parallel-out Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2099FV Datasheet(HTML) 2 Page - Rohm

  BU2099FV_15 Datasheet HTML 1Page - Rohm BU2099FV_15 Datasheet HTML 2Page - Rohm BU2099FV_15 Datasheet HTML 3Page - Rohm BU2099FV_15 Datasheet HTML 4Page - Rohm BU2099FV_15 Datasheet HTML 5Page - Rohm BU2099FV_15 Datasheet HTML 6Page - Rohm BU2099FV_15 Datasheet HTML 7Page - Rohm BU2099FV_15 Datasheet HTML 8Page - Rohm BU2099FV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/12
BU2099FV
TSZ02201-0RHR1GZ00140-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Sep.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Pin Descriptions
Pin No.
Pin Name
I/O
Function
1
VSS
-
Ground
2
N.C.
-
Non Connected
3
DATA
I
Serial Data Input
4
CLOCK
I
Shift clock of DATA (Rising Edge Trigger)
5
LCK
I
Latch clock of DATA (Rising Edge Trigger)
6
Q0
O
Parallel Data Output (Nch Open Drain )
Latch Data
L
H
Output
ON
OFF
7
Q1
8
Q2
9
Q3
10
Q4
11
Q5
12
Q6
13
Q7
14
Q8
15
Q9
16
Q10
17
Q11
18
SO
O
Serial Data Output
19
OE
I
Output Enable (“H” level : output FET is OFF)
20
VDD
-
Power Supply
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Supply Voltage
VDD
-0.3 to +7.0
V
Input Voltage
VIN
VSS-0.3 to VDD+0.3
V
Output Voltage
VO
VSS to +25.0
V
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +125
°C
Power Dissipation
PD
0.75
(Note 1)
W
(Note 1) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 7.5mW per 1°C above 25°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operating Conditions (TA =25℃, VSS=0V)
Parameter
Symbol
Limits
Unit
Supply Voltage
VDD
+2.7 to +5.5
V
Output Voltage
VO
0 to +25.0
V


Similar Part No. - BU2099FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2099FV-E2 ROHM-BU2099FV-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2099FV-E2 ROHM-BU2099FV-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

Similar Description - BU2099FV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2092F ROHM-BU2092F_15 Datasheet
1Mb / 17P
   4-input Serial-in / Parallel-out Drivers
BU2050F ROHM-BU2050F_16 Datasheet
1Mb / 15P
   4-input Serial-in / Parallel-out Drivers
BU2152FS ROHM-BU2152FS_15 Datasheet
1Mb / 16P
   4-input Serial-in / Parallel-out Drivers
BU2090F ROHM-BU2090F_15 Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
BU2098F ROHM-BU2098F_15 Datasheet
1Mb / 18P
   Serial in/Parallel out Drivers
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
logo
Toshiba Semiconductor
TD62C851P TOSHIBA-TD62C851P Datasheet
332Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
TD62C853F TOSHIBA-TD62C853F Datasheet
381Kb / 10P
   8BIT SERIAL-IN PARALLEL-OUT SHIFT REGISTER/LATCH DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com