Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2360FV Datasheet(PDF) 4 Page - Rohm

Part # BU2360FV
Description  Clock Generator for Audio/Video Equipment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2360FV Datasheet(HTML) 4 Page - Rohm

  BU2360FV Datasheet HTML 1Page - Rohm BU2360FV Datasheet HTML 2Page - Rohm BU2360FV Datasheet HTML 3Page - Rohm BU2360FV Datasheet HTML 4Page - Rohm BU2360FV Datasheet HTML 5Page - Rohm BU2360FV Datasheet HTML 6Page - Rohm BU2360FV Datasheet HTML 7Page - Rohm BU2360FV Datasheet HTML 8Page - Rohm BU2360FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
BU2360FV
4/18
TSZ02201-0E3E0J500670-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
04.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Electrical Characteristics
(VDD=3.3V, Ta=25°C, Crystal frequency 27.0000MHz, unless otherwise specified.)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Output L Voltage
VOL
-
-
0.4
V
IOL=4.0mA
Output H Voltage
VOH
2.4
-
-
V
IOH=-4.0mA
FSEL Input VTHL
VTHL
0.2VDD
-
-
V
(Note 4)
FSEL Input VTHH
VTHH
-
-
0.8VDD
V
(Note 4)
Hysteresis Range
VHYS
0.2
-
-
V
VHYS = VTHH
– VTHL (Note 4)
Action Circuit Current
IDD
-
27.0
40.5
mA
At no load
CLK27M
CLK27M
-
27.0000
-
MHz
XTAL direct out
CLK33M
CLK33M
-
33.8688
-
MHz
XTAL x 3136 / 625 / 4
CLK512FS
CLK512_48
-
24.5760
-
MHz
At FSEL=H, XTAL x 2048 / 375 / 6
CLK512_44
-
22.5792
-
MHz
At FSEL=L, XTAL x 3136 / 625 / 6
Duty
Duty
45
50
55
%
Measured at a voltage of 1/2 of VDD
Period-Jitter 1
σ
P-J 1
σ
-
70
-
psec
(Note 1)
Period-Jitter MIN-MAX
P-J
MIN-MAX
-
420
-
psec
(Note 2)
Rise Time
tR
-
2.5
-
nsec
Period of transition time required for The
output reach 80% from 20% of VDD.
Fall Time
tF
-
2.5
-
nsec
Period of transition time required for The
output reach 20% from 80% of VDD.
Output Lock-Time
tLOCK
-
-
1
msec
(Note 3)
(Note)
The output frequency is determined by the arithmetic (frequency division) expression of a frequency input to XTALIN.
If the input frequency is set to 27.0000MHz, the output frequency will be as listed above.
(Note 1) Period-Jitter
1
σ
This parameter represents standard deviation (
1 ) on cycle distribution data at the time when the output clock cycles are sampled 1000 times
consecutively with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
(Note 2) Period-Jitter
MIN-MAX
This parameter represents a maximum distribution width on cycle distribution data at the time when the output clock cycles are sampled 1000 times
consecutively with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
(Note 3) Output Lock-Time
The Lock-Time represents elapsed time after power supply turns ON to reach a 3.0V voltage, after the system is switched from Power-Down state to
normal operation state, or after the output frequency is switched, until it is stabilized at a specified frequency, respectively.
(Note 4) This parameter represents lower and upper limit voltages at the Schmitt trigger input PIN having hysteresis characteristics shown in figure below. The
width requested by these differences is assumed to be a hysteresis width.
0
Input Voltage [V]
V
THL
V
THH
V
HYS
0.2VDD
0.8VDD


Similar Part No. - BU2360FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
1Mb / 25P
   DVD-video Reference Clock Generators for Audio/Video Equipments
More results

Similar Description - BU2360FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com