Electronic Components Datasheet Search |
|
BD5240G-2CTR Datasheet(PDF) 3 Page - Rohm |
|
BD5240G-2CTR Datasheet(HTML) 3 Page - Rohm |
3 / 24 page 3/20 BD52xx-2C Series BD53xx-2C Series TSZ02201-0R7R0G300200-1-2 © 2016 ROHM Co., Ltd. All rights reserved. 25.Apr.2016 Rev.001 www.rohm.com TSZ22111・15・001 Absolute Maximum Ratings (Ta=-40°C to +125°C) Parameter Symbol Limit Unit Power Supply Voltage VDD-GND -0.3 to +7 V Output Voltage Nch Open Drain Output VOUT GND-0.3 to +7 V CMOS Output GND-0.3 to VDD+0.3 Output Current Io 70 mA Operating Temperature Range Topr -40 to +125 °C Junction Temperature Range Tj -40 to +150 °C Storage Temperature Range Tstg -55 to +150 °C Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the absolute maximum ratings. Thermal Resistance (Note 1) Parameter Symbol Thermal Resistance (Typ) Unit 1s (Note 3) 2s2p (Note 4) SSOP5 Junction to Ambient θJA 376.5 185.4 °C/W Junction to Top Characterization Parameter (Note 2) ΨJT 40 30 °C/W (Note 1)Based on JESD51-2A(Still-Air). (Note 2)The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside surface of the component package. (Note 3)Using a PCB board based on JESD51-3. Layer Number of Measurement Board Material Board Size Single FR-4 114.3mm x 76.2mm x 1.57mm Top Copper Pattern Thickness Footprints and Traces 70 μm (Note 4)Using a PCB board based on JESD51-7. Layer Number of Measurement Board Material Board Size 4 Layers FR-4 114.3mm x 76.2mm x 1.6mm Top 2 Internal Layers Bottom Copper Pattern Thickness Copper Pattern Thickness Copper Pattern Thickness Footprints and Traces 70 μm 74.2mm x 74.2mm 35 μm 74.2mm x 74.2mm 70 μm |
Similar Part No. - BD5240G-2CTR |
|
Similar Description - BD5240G-2CTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |