Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5606DMPX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN5606DMPX
Description  Serial LED Driver with Current-Regulated, Step-Up DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5606DMPX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN5606DMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5606DMPX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.fairchildsemi.com
REV. 1.0.3 1/7/05
VOUT
CIN
VExternal
4.7
µF
L = 6.8
µH
IN
GND
A
IND
V
IN
V
OUT
CAT
B
R
2.7V to 5.5V
VOUT
CIN
4.7
µF
2.7V to 5.5V
DAC Inputs
L = 6.8
µH
IN
GND
A
IND
V
IN
CAT
B
Features
• Drives Up to Six LEDs in Series
• Pulse Skip PWM Mode of Operation of the Boost Circuit
• Up to 90% Peak Efficiency
• No External Schottky Diode Required
• Up to 25mA Output
• Built-in DAC for Digital Brightness Control
• LED’s Current Can be Duty-Cycle-Modulated
• Digital, Analog, and PWM Brightness Control
• 2.7V to 5.5V Input Voltage Range
• 0.5MHz Operating Frequency (8MHz internal clock)
• Soft Start
• Low Shutdown Current: ICC < 1µA
• LED Short Circuit Protection
• Minimal External Components Needed
• Available in an 8-lead MLP Package
Applications
• Cell Phones
• Handheld Computers
• PDAs, DSCs, MP3 Players
• Keyboard Backlights
• LED Display
Description
The FAN5606 LED driver generates regulated output cur-
rents from a battery with input voltage varying between 2.7V
to 5V. An internal NMOS switch drives an external inductor,
and a Schottky diode delivers the inductor’s stored energy to
the load. Soft start circuitry prevents excessive current drawn
from the supply during power on. Any number of LEDs can
be connected in series as long as the summed forward volt-
ages do not lead to exceeding the specified operating output
voltage range.
In the FAN5606 device, the internal two-bit D/A converters
provide programmability of the output channel current.
Analog programming of the output current is also possible
in the FAN5606. To do this, ground the “B” pin and connect
a resistor between the “A” pin and a fixed supply voltage.
The output current can then be programmed to any desired
value within its specified range. The analog version uses a
single external resistor to set the current, and to turn the
device ON and OFF. The device is available in an 8-lead
MLP package.
FAN5606
Serial LED Driver with Current-Regulated, Step-Up
DC/DC Converter
Typical Applications
Digital Brightness Control
Analog Brightness Control


Similar Part No. - FAN5606DMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP13X FAIRCHILD-FAN5601MP13X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601MP18X FAIRCHILD-FAN5601MP18X Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5606DMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5608 FAIRCHILD-FAN5608_06 Datasheet
365Kb / 13P
   Serial / Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
FAN5608 FAIRCHILD-FAN5608 Datasheet
206Kb / 17P
   Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com