Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37N869 Datasheet(PDF) 1 Page - SMSC Corporation

Part # FDC37N869
Description  5V and 3.3V Super I/O Controller with Infrared Support for Portable Applications
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37N869 Datasheet(HTML) 1 Page - SMSC Corporation

  FDC37N869 Datasheet HTML 1Page - SMSC Corporation FDC37N869 Datasheet HTML 2Page - SMSC Corporation FDC37N869 Datasheet HTML 3Page - SMSC Corporation FDC37N869 Datasheet HTML 4Page - SMSC Corporation FDC37N869 Datasheet HTML 5Page - SMSC Corporation FDC37N869 Datasheet HTML 6Page - SMSC Corporation FDC37N869 Datasheet HTML 7Page - SMSC Corporation FDC37N869 Datasheet HTML 8Page - SMSC Corporation FDC37N869 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 147 page
background image
SMSC DS – FDC37N869
11/09/2000
FDC37N869
5V and 3.3V Super I/O Controller with Infrared Support for
Portable Applications
FEATURES
§
PC 99 Compliant
§
5 Volt and 3.3 Volt Operation
§
Intelligent Auto Power Management
§
16 Bit Address Qualification
§
2.88MB Super I/O Floppy Disk Controller
-
Licensed CMOS 765B Floppy Disk Controller
-
Software and Register Compatible with
SMSC’s Proprietary 82077AA Compatible
Core
-
Supports One Floppy Drive Directly
-
Configurable Open Drain/Push-Pull Output
Drivers
-
Supports Vertical Recording Form at
-
16 Byte Data FIFO
-
100% IBM Compatibility
-
Detects All Overrun and Underrun Conditions
-
Sophisticated Power Control Circuitry (PCC)
Including Multiple Power-Down Modes for
Reduced Power Consumption
-
DMA Enable Logic
-
Data Rate and Drive Control Registers
-
Swap Drives A and B
-
Non-Burst Mode DMA Option
-
48 Base I/O Address, 15 IRQ and 4 DMA
Options
-
Forceable Write Protect and Disk Change
Controls
§
Floppy Disk Available on Parallel Port Pins
ACPI Compliant
§
Enhanced Digital Data Separator
-
2Mbps, 1 Mbps, 500 Kbps, 300 Kbps,
250 Kbps Data Rates
-
Programmable Precompensation Modes
§
Serial Ports
-
Two High Speed NS16C550 Compatible
UARTs with Send/Receive 16 Byte FIFOs
-
Supports 230k and 460k Baud
-
Programmable Baud Rate Generator
-
Modem Control Circuitry
§
Infrared Communications Controller
-
IrDA v1.1 (4Mbps), HPSIR, ASKIR, Consumer
IR Support
-
2 IR Ports
-
96 Base I/O Address, 15 IRQ Options and 4
DMA Options
§
Multi-Mode Parallel Port with ChiProtect
-
Standard Mode
-
IBM PC/XT, PC/AT, and PS/2 Compatible Bi-
directional Parallel Port
-
Enhanced Parallel Port (EPP) Compatible
-
EPP 1.7 and EPP 1.9 (IEEE 1284 Compliant)
-
Enhanced Capabilities Port (ECP)
Compatible (IEEE 1284 Compliant)
-
Incorporates ChiProtect Circuitry for Protection
Against Damage Due to Printer Power-On
-
192 Base I/O Address, 15 IRQ and 4 DMA
Options
§
Game Port Select Logic
-
48 Base I/O Addresses
§
General Purpose Address Decoder
-
16-Byte Block Decode
ORDERING INFORMATION
Order Number: FDC37N869TQFP
100 Pin TQFP Package


Similar Part No. - FDC37N869

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N3869-MD SMSC-FDC37N3869-MD Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
logo
Agilent(Hewlett-Packard...
FDC37N769 HP-FDC37N769 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - FDC37N869

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
37C957FR SMSC-37C957FR Datasheet
1Mb / 328P
   ULTRA I/O CONTROLLER FOR PORTABLE APPLICATIONS
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Winbond
W83787IF WINBOND-W83787IF Datasheet
1Mb / 123P
   WINBOND I/O WITH SERIAL-INFRARED SUPPORT
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com