Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG72AMNR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NBSG72AMNR2G
Description  2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG72AMNR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NBSG72AMNR2G Datasheet HTML 3Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 4Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 5Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 6Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 7Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 8Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 9Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 10Page - ON Semiconductor NBSG72AMNR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NBSG72A
http://onsemi.com
7
Table 9. DC CHARACTERISTICS, NECL INPUT WITH NECL OUTPUT
(VCC = 0 V; VEE = −3.465 V to −2.375 V) (Note 18)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
POWER SUPPLY CURRENT
IEE
Negative Power Supply Current
40
55
65
40
55
65
40
55
65
mA
NECL OUTPUTS (Note 19)
VOH
Output HIGH Voltage
−1040
−990
−940
−1010
−960
−910
−985
−935
−885
mV
VOL
Output LOW Voltage
−3.465 V
≤ VEE ≤ −3.0 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
−3.0 V < VEE ≤ −2.375 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
−1980
−1270
−1750
−1040
−1515
−1945
−1265
−1725
−1045
−1495
−1830
−1210
−1630
−990
−1425
−1795
−1205
−1605
−995
−1405
−1680
−1120
−1510
−910
−1305
−1645
−1115
−1485
−915
−1285
−1940
−1235
−1715
−1010
−1480
−1905
−1230
−1690
−1010
−1460
−1790
−1175
−1595
−960
−1390
−1755
−1170
−1570
−960
−1370
−1640
−1085
−1475
−880
−1270
−1605
−1080
−1450
−880
−1250
−1910
−1210
−1685
−985
−1450
−1875
−1205
−1660
−900
−1435
−1760
−1150
−1565
−935
−1360
−1725
−1145
−1540
−940
−1345
−1610
−1060
−1445
−855
−1240
−1575
−1055
−1420
−860
−1225
mV
VOUTPP
Output Voltage Amplitude
−3.465 V
≤ VEE ≤ −3.0 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
−3.0 V < VEE ≤ −2.375 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
705
130
535
0
345
670
125
510
0
325
815
220
640
0
435
800
215
615
5
415
695
125
530
0
340
660
120
505
0
320
805
215
635
0
430
795
210
610
0
410
690
125
525
0
335
655
120
500
0
320
800
215
630
0
425
790
210
605
5
410
mV
DIFFERENTIAL CLOCK INPUTS DRIVEN SINGLE-ENDED (Figures 12 & 14) (Note 20)
VIH
Input HIGH Voltage (Single-Ended)
D0, inv-D0, D1, inv-D1, SELA, SELB
VEE +
1200
VCC
VEE +
1200
VCC
VEE +
1200
VCC
mV
VIL
Input LOW Voltage (Single-Ended)
D0, inv-D0, D1, inv-D1, SELA, SELB
VEE
VIH
150
VEE
VIH
150
VEE
VIH
150
mV
Vth
Input Threshold Reference Voltage
Range (Note 21)
VEE +
950
VCC
75
VEE +
950
VCC
75
VEE +
950
VCC
75
mV
VISE
Single-Ended Input Voltage
(VIH – VIL)
150
2600
150
2600
150
260
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (Figures 13 & 15) (Note 22)
VIHD
Differential Input HIGH Voltage
VEE +
1200
VCC
VEE +
1200
VCC
VEE +
1200
VCC
mV
VILD
Differential Input LOW Voltage
VEE
VIHD
75
VEE
VIHD
75
VEE
VIHD
75
mV
VID
Differential Input Voltage
(VIHD – VILD)
75
2600
75
2600
75
2600
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 23) (Figure 16)
VEE +
1200
0.0
VEE +
1200
0.0
VEE +
1200
0.0
mV
IIH
Input HIGH Current (@VIH)
35
1000
35
1000
35
100
mA
IIL
Input LOW Current (@VIL)
20
100
20
100
20
1000
mA


Similar Part No. - NBSG72AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72AMNR2G ONSEMI-NBSG72AMNR2G Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
More results

Similar Description - NBSG72AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
logo
Analog Devices
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. PrE
ADG3246 AD-ADG3246 Datasheet
353Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com