Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5247G-2C Datasheet(PDF) 1 Page - Rohm

Part # BD5247G-2C
Description  Free Time Delay Setting CMOS Voltage Detector (Reset) IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5247G-2C Datasheet(HTML) 1 Page - Rohm

  BD5247G-2C Datasheet HTML 1Page - Rohm BD5247G-2C Datasheet HTML 2Page - Rohm BD5247G-2C Datasheet HTML 3Page - Rohm BD5247G-2C Datasheet HTML 4Page - Rohm BD5247G-2C Datasheet HTML 5Page - Rohm BD5247G-2C Datasheet HTML 6Page - Rohm BD5247G-2C Datasheet HTML 7Page - Rohm BD5247G-2C Datasheet HTML 8Page - Rohm BD5247G-2C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/20
TSZ02201-0R7R0G300200-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
25.Apr.2016 Rev.001
www.rohm.com
TSZ22111・14・001
Voltage Detector (Reset) IC Series for Automotive Application
Free Time Delay Setting
CMOS Voltage Detector (Reset) IC
BD52xx-2C Series and BD53xx-2C Series
General Description
ROHM's BD52xx-2C and BD53xx-2C series are highly
accurate, low current consumption Voltage Detector
ICs with a capacitor controlled time delay. The lineup
includes N-channel open drain output (BD52xx-2C)
and CMOS output (BD53xx-2C) so that the users can
select depending on the application. The devices are
available for specific detection voltage ranging from
0.9V to 5.0V with 0.1V increment.
The time delay has ±50% accuracy in the overall
operating temperature range of -40°C to 125°C.
Special Features
 AEC-Q100 Qualified
(Note1)
 Delay Time Setting controlled by external capacitor
 Two output types (Nch open drain and CMOS output)
 Ultra-low Current Consumption
 Very small, lightweight and thin package
 Package SSOP5 is similar to SOT-23-5 (JEDEC)
(Note1: Grade 1)
Key Specifications
 Detection Voltage:
0.9V to 5.0V (Typ.)
0.1V step
 Ultra-Low Current Consumption:
0.27µA (Typ.)
 Time Delay Accuracy:
±50% (-40°C to +125°C, )
(CT pin capacitor
≥ 1nF)
Special Characteristics
 Detection Voltage Accuracy:
±3%±12mV (VDET=0.9V to 1.6V)
±3% (VDET=1.7V to 5.0V)
Package
SSOP5:
W(typ) x D(typ) x H(max)
2.90mm x 2.80mm x 1.25mm
Application
All automotive devices that requires voltage detection
Application Circuit
Pin Configuration
SSOP5
TOP VIEW
Pin Description
SSOP5
PIN No.
Symbol
Function
1
VOUT
Output pin
2
VDD
Power supply voltage
3
GND
GND
4
N.C.
No connection pin
5
CT
Capacitor connection pin for output delay time setting
Figure 1. Open Drain Output Type
BD52xx-2C Series
Figure 2. CMOS Output Type
BD53xx-2C Series
VOUT VDD GND
N.C.
CT
Lot No.
Marking
VDD1
VDD2
GND
CCT
RL
BD52xx-2C
RST
Microcontroller
N.C. pin is electrically open and can
be connected to either VDD or GND.
VDD1
GND
CCT
BD53xx-2C
RST
Microcontroller
Datasheet


Similar Part No. - BD5247G-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5247G-1TR ROHM-BD5247G-1TR Datasheet
1Mb / 22P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
18.May.2023 Rev.002
BD5247G-TR ROHM-BD5247G-TR Datasheet
400Kb / 16P
   Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
BD5247G-TR ROHM-BD5247G-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5247G-TR ROHM-BD5247G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5247G-TR ROHM-BD5247G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5247G-2C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52XXG-1 ROHM-BD52XXG-1 Datasheet
1Mb / 22P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
18.May.2023 Rev.002
BD521VNVX-2C ROHM-BD521VNVX-2C Datasheet
1Mb / 21P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
25.Apr.2022 Rev.001
BD52XXNVX-2C ROHM-BD52XXNVX-2C Datasheet
1Mb / 21P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
09.Sep.2021 Rev.003
BD52XX-2M ROHM-BD52XX-2M Datasheet
2Mb / 23P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
05.Jul.2018 Rev.002
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com