Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24A5M400BL3 Datasheet(PDF) 1 Page - Vicor Corporation

Part # S24A5M400BL3
Description  DC-DC Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

S24A5M400BL3 Datasheet(HTML) 1 Page - Vicor Corporation

  S24A5M400BL3 Datasheet HTML 1Page - Vicor Corporation S24A5M400BL3 Datasheet HTML 2Page - Vicor Corporation S24A5M400BL3 Datasheet HTML 3Page - Vicor Corporation S24A5M400BL3 Datasheet HTML 4Page - Vicor Corporation S24A5M400BL3 Datasheet HTML 5Page - Vicor Corporation S24A5M400BL3 Datasheet HTML 6Page - Vicor Corporation S24A5M400BL3 Datasheet HTML 7Page - Vicor Corporation S24A5M400BL3 Datasheet HTML 8Page - Vicor Corporation S24A5M400BL3 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DC-DC Converter Module
24V Maxi Family
Rev 6.6
vicorpower.com
Page 1 of 15
01/2016
800 927.9474
24V Input
Maxi Family
Actual size:
4.6 x 2.2 x 0.5in
117 x 56 x 12,7mm
S
NRTL
CUS
C
US
®
Features & Benefits
DC input range: 18 – 36V
Isolated output
Operation to 16V at 75% power
after startup
Input surge withstand: 50V for 100ms
DC output: 3.3 – 48V
Programmable output: 10 to 110%
Regulation: ±0.25% no load to full load
Efficiency: Up to 88%
Maximum operating temp: 100°C,
full load
Power density: up to 99W per cubic inch
Height above board: 0.43in. (10,9mm)
Parallelable, with N+M fault tolerance
Low noise ZCS/ZVS architecture
RoHS Compliant (with F or G pin option)
Product Overview
These DC-DC converter modules use advanced
power processing, control and packaging
technologies to provide the performance,
flexibility, reliability and cost effectiveness of a
mature power component.
High frequency ZCS/ZVS switching provides
high power density with low noise and
high efficiency.
Parameter
Rating
Unit
Notes
+In to –In voltage
-0.5 to +53
VDC
PC to –In voltage
-0.5 to +7.0
VDC
PR to –In voltage
-0.5 to +7.0
VDC
SC to -Out voltage
-0.5 to +1.5
VDC
-Sense to -Out voltage
1.0
VDC
+Out to -Out, +Sense to -Out
See Module Output
Specifications
Isolation voltage
in to out
3000
VRMS
Test voltage
in to base
1500
VRMS
Test voltage
out to base
500
VRMS
Test voltage
Operating Temperature
-55 to +100
°C
M-Grade
Storage Temperature
-65 to +125
°C
M-Grade
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
750 (390)
°F (°C)
<7 sec; hand solder
Mounting torque
5 (0.57)
in-lbs (N-m)
6 each
Output Power
VOUT
POUT
3.3V
200W, 264W
5V
300W, 400W
6.5V
400W
8V
300W
12V
300W, 400W, 500W
15V
300W, 400W
24V
300W, 400W, 500W
28V
300W, 400W, 500W
36V
300W, 400W
48V
300W, 400W
Absolute Maximum Ratings
Part Numbering
e.g. V24A12T400BL2
24A
B
Output Voltage
3V3 = 3.3V
5 = 5V
6.5 = 6.5V
8 = 8V
12 = 12V
15 = 15V
24 = 24V
28 = 28V
36 = 36V
48 = 48V
Product Grade Temperatures (°C)
Grade
Operating
Storage
E
= - 10 to +100 - 20 to +125
C
= - 20 to +100 - 40 to +125
T
= - 40 to +100 - 40 to +125
H
= - 40 to +100 - 55 to +125
M = - 55 to +100 - 65 to +125
Pin Style
Finish
Blank: Short
Tin/Lead
L: Long
Tin/Lead
S: Short ModuMate
Gold
N: Long ModuMate
Gold
F: Short RoHS
Gold
G: Long RoHS
Gold
K: Extra Long RoHS
Gold
Baseplate
Blank: Slotted
2: Threaded
3: Through-hole
Product Type
V = Standard
S = Enhanced
efficiency
(avail. ≤12
Vout only)
Applications
Industrial and process control, distributed power, medical, ATE, communications, defense
and aerospace.
For details on proper operation please refer to the:
Design Guide & Applications Manual for Maxi, Mini, Micro Family.


Similar Part No. - S24A5M400BL3

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S24A12-22 TELEDYNE-S24A12-22 Datasheet
132Kb / 5P
   Single Output to 125A 660 Vac AC/DC Control
S24A25-22 TELEDYNE-S24A25-22 Datasheet
132Kb / 5P
   Single Output to 125A 660 Vac AC/DC Control
S24A40-22 TELEDYNE-S24A40-22 Datasheet
132Kb / 5P
   Single Output to 125A 660 Vac AC/DC Control
More results

Similar Description - S24A5M400BL3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com