Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVP111-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP111-EP
Description  Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP111-EP Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVP111-EP Datasheet HTML 1Page - Texas Instruments CDCLVP111-EP Datasheet HTML 2Page - Texas Instruments CDCLVP111-EP Datasheet HTML 3Page - Texas Instruments CDCLVP111-EP Datasheet HTML 4Page - Texas Instruments CDCLVP111-EP Datasheet HTML 5Page - Texas Instruments CDCLVP111-EP Datasheet HTML 6Page - Texas Instruments CDCLVP111-EP Datasheet HTML 7Page - Texas Instruments CDCLVP111-EP Datasheet HTML 8Page - Texas Instruments CDCLVP111-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LVPECL
Reference
Generator
VEE
VCC VCC VCC VCC VCC
10
10
QP(9...0)
QN(9...0)
CLKP0
CLKN0
CLKP1
CLKN1
CLK_SEL
VBB
+
+
CDCLVP111-SP
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CDCLVP111-SP
SCAS946 – NOVEMBER 2016
CDCLVP111-SP Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
1
(1)
Custom temperature ranges available.
1 Features
1
Distributes One Differential Clock Input Pair
LVPECL to 10 Differential LVPECL
Fully Compatible With LVECL and LVPECL
Supports a Wide Supply Voltage Range From
2.375 V to 3.8 V
Selectable Clock Input Through CLK_SEL
Low-Output Skew (Typical 15 ps) for Clock-
Distribution Applications
Additive Jitter Less Than 1 ps
Propagation Delay Less Than 355 ps
Open Input Default State
LVDS, CML, SSTL input Compatible
VBB Reference Voltage Output for Single-Ended
Clocking
Frequency Range From DC to 3.5 GHz
Supports Defense, Aerospace, and Medical
Applications
Controlled Baseline
One Assembly and Test Site
One Fabrication Site
Available in Military (–55°C to 125°C)
Temperature Range (1)
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
2 Applications
Designed for Driving 50-Ω Transmission Lines
High-Performance Clock Distribution
3 Description
The CDCLVP111-SP clock driver distributes one
differential clock pair of LVPECL input, (CLK0, CLK1)
to ten pairs of differential LVPECL clock (Q0, Q9)
outputs with minimum skew for clock distribution. The
CDCLVP111-SP can accept two clock sources into
an
input
multiplexer.
The
CDCLVP111-SP
is
specifically designed for driving 50-
Ω transmission
lines. When an output pin is not used, leaving it open
is recommended to reduce power consumption. If
only one of the output pins from a differential pair is
used, the other output pin must be identically
terminated to 50
Ω.
The VBB reference voltage output is used if single-
ended input operation is required. In this case, the
VBB pin should be connected to CLK0 and bypassed
to GND via a 10-nF capacitor.
For high-speed performance, the differential mode is
strongly recommended.
The CDCLVP111-SP is characterized for operation
from –55°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CDCLVP111-SP
HFG (36)
9.08 mm × 9.08 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram


Similar Part No. - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
More results

Similar Description - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com