Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25810-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25810-Q1
Description  USB Type-C DFP Controller and Power Switch With Load Detection
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25810-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS25810-Q1 Datasheet HTML 5Page - Texas Instruments TPS25810-Q1 Datasheet HTML 6Page - Texas Instruments TPS25810-Q1 Datasheet HTML 7Page - Texas Instruments TPS25810-Q1 Datasheet HTML 8Page - Texas Instruments TPS25810-Q1 Datasheet HTML 9Page - Texas Instruments TPS25810-Q1 Datasheet HTML 10Page - Texas Instruments TPS25810-Q1 Datasheet HTML 11Page - Texas Instruments TPS25810-Q1 Datasheet HTML 12Page - Texas Instruments TPS25810-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
t
ios
I
OUT
I
OS
9
TPS25810-Q1
www.ti.com
SLVSD95 – NOVEMBER 2016
Product Folder Links: TPS25810-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Switching Characteristics (continued)
–40°C
≤ TJ ≤ 125°C, 4.5 V ≤ VIN1 ≤ 6.5 V, 4.5 V ≤ VIN2 ≤ 5.5 V, 2.9 V ≤ VAUX ≤ 5.5 V; VEN = VCHG = VCHG_HI = VAUX, RREF =
100 k
Ω. Typical values are at 25°C. All voltages are with respect to GND. IOUT and IOS defined positive out of the indicated pin
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
These parameters are provided for reference only and do not constitute part of TI’s published specifications for purposes of TI’s product
warranty.
FAULT
tDEGA
Asserting deglitch due to overcurrent
5.5
8.2
10.7
ms
tDEGA(OC)
Asserting deglitch due to
overtemperature in current limit(1)
0
ms
tDEGA(OT)
Deasserting deglitch
5.5
8.2
10.7
ms
LD_DET
tDEGA
Asserting deglitch
45
65
85
ms
tDEGD
Deasserting deglitch
1.45
2.15
2.9
s
OUT – DISCHARGE
RDCHG discharge time
VOUT = 1 V, time ISNK_OUT > 1 mA
after UFP signature removed from
CC lines
39
65
96
ms
CC1, CC2 - VCONN POWER SWITCH
tr
Output voltage rise time
VIN2 = 5 V, CL = 1 µF, RL = 100 Ω
(measured from 10% to 90% of final
value)
0.15
0.25
0.35
ms
tf
Output voltage fall time
0.18
0.22
0.26
ms
ton
Output voltage turnon time
VIN2 = 5 V, CL = 1 µF, RL = 100 Ω
1
1.5
2
ms
toff
Output voltage turnoff time
0.3
0.4
0.55
ms
CC1, CC2 – VCONN POWER SWITCH – CURRENT LIMIT
tres
Current limit response time to short
circuit
VIN2 – VCONN = 1 V, R = 10 mΩ, see
Figure 1
1
3
µs
UFP, POL, AUDIO, DEBUG
tDEGR
Asserting deglitch
100
150
200
ms
tDEGF
Deasserting deglitch
7.9
12.5
17.7
ms
Figure 1. Output Short-Circuit Timing Diagram


Similar Part No. - TPS25810-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
More results

Similar Description - TPS25810-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Load Detection
logo
Diodes Incorporated
AP25810LQ DIODES-AP25810LQ Datasheet
1Mb / 25P
   USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION
October 2022 Rev. 3 - 2
logo
Texas Instruments
TPS25810 TI1-TPS25810_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810A-Q1 TI1-TPS25810A-Q1 Datasheet
688Kb / 35P
[Old version datasheet]   USB Type-C DFP Controller and Power Switch With Digital Cable Compensation
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
[Old version datasheet]   USB Type-C DFP Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com