Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N9069A Datasheet(PDF) 11 Page - Keysight Technologies

Part # N9069A
Description  Noise Figure X-Series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9069A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button N9069A Datasheet HTML 7Page - Keysight Technologies N9069A Datasheet HTML 8Page - Keysight Technologies N9069A Datasheet HTML 9Page - Keysight Technologies N9069A Datasheet HTML 10Page - Keysight Technologies N9069A Datasheet HTML 11Page - Keysight Technologies N9069A Datasheet HTML 12Page - Keysight Technologies N9069A Datasheet HTML 13Page - Keysight Technologies N9069A Datasheet HTML 14Page - Keysight Technologies N9069A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11 | Keysight | N9069A & W9069A Noise Figure X-Series Measurement Application - Technical Overview
EXA with U7227F preamplifier
Specifications
Frequency
EXA
full range
EXA + U7227F full
range
VSWR1
Frequency
0.01 to 2 GHz
1.52
2 to 3.6 GHz
1.52
2.32
3.5 to 8.4 GHz
1.68
2.32
8.3 to 13.6 GHz
1.69
2.32
13.5 to 17.1 GHz
1.66
2.32
17.0 to 26.5 GHz
1.66
2.32
26.5 to 40 GHz
2.32
40 to 44 GHz
3.00
Internal
preamp on
Internal preamp
off + U7227F
Internal preamp
on + U7227F
Supplemental
information
Noise figure2, 3
10 to 1.2 GHz
14.25
1.2 to 2.1 GHz
15.25
2 to 2.1 GHz
15.25
12.65
10.27
2.1 to 3.6 GHz
16.25
13.49
10.32
3.5 to 4 GHz
18.25
19.36
10.49
4 to 7 GHz
18.25
15.91
8.65
7 to 20 GHz
18.25
15.91
8.34
20 to 26.5 GHz
20.25
17.21
8.38
26.5 to 32 GHz
23.25
19.69
8.56
32 to 34 GHz
23.25
19.27
8.50
33.9 to 40 GHz
26.5
23.67
8.72
40 to 44 GHz
30.25
22.81
10.11
Noise source ENR
Measurement range
4 to 6.5 dB
0 to 20 dB
± 0.02 dB
± 0.02 dB
± 0.02 dB
Using internal preamp and RBW ≤ 4 MHz
12 to 17 dB
0 to 30 dB
± 0.03 dB
± 0.03 dB
± 0.03 dB
20 to 22 dB
0 to 35 dB
± 0.03 dB
± 0.03 dB
± 0.03 dB
Jitter
± 0.15 dB
± 0.15 dB
± 0.15 dB
Instrument uncertainty for gain4, 5
10 MHz to 3.6 GHz
± 0.19 dB
± 0.19 dB
± 0.19 dB
DUT gain range = −20 to +40 dB
> 3.6 GHz
± 0.19 dB
± 0.19 dB
± 0.19 dB
Instrument uncertainty for noise figure, 10 MHz to 26.5 GHz6


Similar Part No. - N9069A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9069C KEYSIGHT-N9069C Datasheet
2Mb / 22P
   Noise Figure
More results

Similar Description - N9069A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W9069A KEYSIGHT-W9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
M9069A KEYSIGHT-M9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
N9069C KEYSIGHT-N9069C Datasheet
2Mb / 22P
   Noise Figure
N8975B KEYSIGHT-N8975B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8974B KEYSIGHT-N8974B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8976B KEYSIGHT-N8976B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com