Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS07G Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # RS07G
Description  1.0AMP. SURFACE MOUNT FAST RECOVERY SURFACE MOUNT RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

RS07G Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  RS07G Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RS07A THRU RS07M
1.0AMP. SURFACE MOUNT FAST RECOVERY SURFACE MOUNT RECTIFIERS
FEATURE
·
Fast switching
·
Glass passivated device
·
Ideal for surface mouted applications
·
Low reverse leakage
·
Metallurgically bonded construction
·
High temperature soldering guaranteed:
250°C /10 seconds at terminals.
MECHANICAL DATA
·
Case: JEDEC SOD-123FL, molded plastic over
passivated chip
·
Terminals: Solder Plated, solderable per
MIL-STD-750, Method 2026
·
Polarity: Color band denotes cathode end
·
Weight: 0.006 ounces, 0.02 gram
·
Mounting position: Any
SOD-123FL
0.60+/-0.25
1.3+/-0.15
0.05~0.3
2.8+/-0.1
Cathode Band
1.8+/-0.1
1.0+/-0.2
3.7+/-0.2
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Marking
SYMBOL
RS07A RS07B RS07D RS07G RS07J RS07K SR07M
units
RA
RB
RD
RG
RJ
RK
RM
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at TA =65°C (Note 1)
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
25.0
A
Maximum Instantaneous forward Voltage at
1.0A DC
VF
1.3
V
Maximum DC Reverse Current
@TA =25°C
at rated DC blocking voltage
@TA =125°C
IR
10.0
50.0
µA
Maximum Reverse Recovery Time (Note 2)
trr
150
250
500
ns
Typical Junction Capacitance (Note 3)
CJ
4
pF
Typical Thermal Resistance (Note 3)
R(JA)
180
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +150
°C
Note:
1. Averaged over any 20 ms period.
2. Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
3. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
4. Measured on P. C. Board with 0.2×0.2″(5.0×5.0mm) Copper Pad Areas.


Similar Part No. - RS07G

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
RS07G BILIN-RS07G Datasheet
110Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
RS07G VISHAY-RS07G Datasheet
156Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
RS07G VISHAY-RS07G Datasheet
90Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 2.0, 30-Aug-10
logo
Shenzhen Luguang Electr...
RS07G LUGUANG-RS07G Datasheet
289Kb / 3P
   Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
RS07G TAYCHIPST-RS07G Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - RS07G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
RS1A CHONGQING-RS1A_16 Datasheet
198Kb / 1P
   1.0AMP. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF10SS SECOS-SMF10SS Datasheet
270Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR1A DYELEC-FR1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMF101A SECOS-SMF101A Datasheet
204Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
SMF101B SECOS-SMF101B Datasheet
234Kb / 2P
   1.0AMP Surface Mount Fast Recovery Rectifiers
SUF101B SECOS-SUF101B Datasheet
209Kb / 2P
   1.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF101A SECOS-SUF101A Datasheet
240Kb / 2P
   1.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
Cystech Electonics Corp...
CFR10XSF CYSTEKEC-CFR10XSF Datasheet
140Kb / 3P
   1.0Amp. Surface Mount Fast Recovery Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com