Electronic Components Datasheet Search |
|
S24A6.5T400B2 Datasheet(PDF) 4 Page - Vicor Corporation |
|
S24A6.5T400B2 Datasheet(HTML) 4 Page - Vicor Corporation |
4 / 15 page 24V Maxi Family Rev 6.6 vicorpower.com Page 4 of 15 01/2016 800 927.9474 24V Input Parameter Min Typ Max Unit Notes Efficiency S24A3V3C264BL (enhanced efficiency) 83.0 86.0 % Nominal input; full load; 25°C V24A3V3C264BL (standard efficiency) 80.0 81.4 Ripple and noise 75 94 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 4.14 4.3 4.46 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 8 12 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 80 Amps Current limit 81.6 92 108 Amps Output voltage 95% of nominal Short circuit current 56 92 108 Amps Output voltage <250mV 3.3VOUT, 264W (e.g. S24A3V3C264BL, V24A3V3C264BL) Parameter Min Typ Max Unit Notes Efficiency S24A3V3C200BL (enhanced efficiency) 82.0 86.0 % Nominal input; full load; 25°C V24A3V3C200BL (standard efficiency) 73.9 79.9 Ripple and noise 43 54 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 4.48 4.65 4.82 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 6.2 10 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 60.6 Amps Current limit 61.8 69.7 81.9 Amps Output voltage 95% of nominal Short circuit current 42.4 69.7 81.9 Amps Output voltage <250mV 3.3VOUT, 200W (e.g. S24A3V3C200BL, V24A3V3C200BL) Parameter Min Typ Max Unit Notes Efficiency S24A5C400BL (enhanced efficiency) 84.0 86.5 % Nominal input; full load; 25°C V24A5C400BL (standard efficiency) 80.0 84.5 Ripple and noise 152 190 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 6.03 6.25 6.47 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 6.8 10.1 Watts No load Load regulation ±0.02 ±0.25 % No load to full load; nominal input Load current 0 80 Amps Current limit 81.6 92 104 Amps Output voltage 95% of nominal Short circuit current 56 92 104 Amps Output voltage <250mV 5VOUT, 400W (e.g. S24A5C400BL, V24A5C400BL) Parameter Min Typ Max Unit Notes Efficiency S24A5C300BL (enhanced efficiency) 82.5 84.4 % Nominal input; full load; 25°C V24A5C300BL (standard efficiency) 82.5 84.4 Ripple and noise 120 150 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 6.03 6.25 6.47 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 7.2 8.8 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 60 Amps Current limit 61.2 69 81 Amps Output voltage 95% of nominal Short circuit current 42 69 81 Amps Output voltage <250mV 5VOUT, 300W (e.g. S24A5C300BL, V24A5C300BL) MODULE SPECIFIC OPERATING SPECIFICATIONS |
Similar Part No. - S24A6.5T400B2 |
|
Similar Description - S24A6.5T400B2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |