Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF760ES4 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF760ES4
Description  This specification shall cover the characteristics of SAW filter With HDF760E used for the page system.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF760ES4 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF760ES4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF760ES4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF760ES4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF760ES4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF760ES4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF760ES4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF760ES4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF760ES4 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF760ES4 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SAW FILTER
HDF760E
SMD-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 9
2-2.Electrical characteristics
Minimum Typical
Maximum
Center Frequency(F0
MHz
760.5
Insertion Loss(F0±9.5MHz)
dB
-
3.5
4.0
Amplitude Ripple(F0±9.5MHz)
dB
1.0
2.0
Group Delay Variation (Fo +/- 9.5 MHz)
nsec
-
30
VSWR((Fo +/- 9.5 MHz)
-
1.5
2.0
Relative Attenuation
…~ F0-35MHz
F0+70MHz~…
dB
45
45
50
50
-
Temperature Coefficient of Frequency
ppm/°C
-
-80
-
3. TEST CIRCUIT


Similar Part No. - HDF760ES4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF764AS4 SHOULDER-HDF764AS4 Datasheet
161Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF765ES4 SHOULDER-HDF765ES4 Datasheet
211Kb / 9P
   Low-Loss SAW Filter of cordless system.
HDF767ANS6 SHOULDER-HDF767ANS6 Datasheet
223Kb / 9P
   Low-Loss SAW Filter of cordless system.
More results

Similar Description - HDF760ES4

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HDF448A-S4 LUGUANG-HDF448A-S4 Datasheet
189Kb / 6P
   This specification shall cover the characteristics of SAW filter With 448M used for the page system.
logo
Shoulder Electronics Li...
HDBF07015A64 SHOULDER-HDBF07015A64 Datasheet
118Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF07015A64 used for the page system.
HDBF09620A24 SHOULDER-HDBF09620A24 Datasheet
145Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF09620A24 used for the page system.
HDBF14015A64 SHOULDER-HDBF14015A64 Datasheet
122Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF14015A63 used for the page system.
HDBF16702A62 SHOULDER-HDBF16702A62 Datasheet
106Kb / 5P
   This specification shall cover the characteristics of SAW filter with HDBF16702A62 used for the page system.
HDF477AS4 SHOULDER-HDF477AS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With 477M used for the page system.
HDF480CS4 SHOULDER-HDF480CS4 Datasheet
158Kb / 8P
   This specification shall cover the characteristics of SAW filter With F480CS4 used for the page system.
HDF495AS3 SHOULDER-HDF495AS3 Datasheet
131Kb / 5P
   This specification shall cover the characteristics of SAW filter With F495A used for the page system.
HDF594EF11 SHOULDER-HDF594EF11 Datasheet
139Kb / 6P
   This specification shall cover the characteristics of SAW filter With F594E used for the page system.
HDF3645AS4 SHOULDER-HDF3645AS4 Datasheet
183Kb / 9P
   This specification shall cover the characteristics of SAW filter With HDF364.5A used for the page system.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com