Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP450 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BFP450
Description  Linear Low Noise Silicon Bipolar RF Transistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BFP450 Datasheet HTML 6Page - Infineon Technologies AG BFP450 Datasheet HTML 7Page - Infineon Technologies AG BFP450 Datasheet HTML 8Page - Infineon Technologies AG BFP450 Datasheet HTML 9Page - Infineon Technologies AG BFP450 Datasheet HTML 10Page - Infineon Technologies AG BFP450 Datasheet HTML 11Page - Infineon Technologies AG BFP450 Datasheet HTML 12Page - Infineon Technologies AG BFP450 Datasheet HTML 13Page - Infineon Technologies AG BFP450 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
BFP450
Thermal Characteristics
Datasheet
10
Revision 1.2, 2013-07-29
4
Thermal Characteristics
Figure 4-1 Total Power Dissipation Ptot = f (Ts)
Table 4-1
Thermal Resistance
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Junction - soldering point1)
1) For the definition of RthJS please refer to Application Note AN077 (Thermal Resistance Calculation)
RthJS
–120
K/W
Ts [°C]
0
100
200
300
400
500
600
0
50
100
150
Ts [°C]
0
100
200
300
400
500
600
0
50
100
150


Similar Part No. - BFP450

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP450 SIEMENS-BFP450 Datasheet
49Kb / 8P
   NPN Silicon RF Transistor (For medium power amplifiers)
logo
Infineon Technologies A...
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
   NPN Silicon RF Transistor
Aug-20-2001
BFP450 INFINEON-BFP450 Datasheet
1Mb / 27P
   High Linearity Low Noise Si NPN RF Transistor
Revision 1.0, 2010-10-22
BFP450H6327 INFINEON-BFP450H6327 Datasheet
1Mb / 28P
   High Linearity Silicon Bipolar RF Transistor
Revision 1.1, 2012-09-11
BFP450 INFINEON-BFP450_10 Datasheet
1Mb / 27P
   High Linearity Low Noise Si NPN RF Transistor
Revision 1.0, 2010-10-22
More results

Similar Description - BFP450

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP650F INFINEON-BFP650F_13 Datasheet
556Kb / 7P
   Linear Low Noise SiGe:C Bipolar RF Transistor
2013-09-06
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com