Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP420 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFP420
Description  Low Noise Silicon Bipolar RF Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP420 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFP420_13 Datasheet HTML 1Page - Infineon Technologies AG BFP420_13 Datasheet HTML 2Page - Infineon Technologies AG BFP420_13 Datasheet HTML 3Page - Infineon Technologies AG BFP420_13 Datasheet HTML 4Page - Infineon Technologies AG BFP420_13 Datasheet HTML 5Page - Infineon Technologies AG BFP420_13 Datasheet HTML 6Page - Infineon Technologies AG BFP420_13 Datasheet HTML 7Page - Infineon Technologies AG BFP420_13 Datasheet HTML 8Page - Infineon Technologies AG BFP420_13 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2013-09-19
5
BFP420
Transition frequency fT= ƒ(IC)
f = 2 GHz
VCE = parameter in V
0
5
10
15
20
25
30
mA
40
IC
0
2
4
6
8
10
12
14
16
18
20
22
24
GHz
30
2 to 4
1.5
1
0.75
0.5
Power gain Gma, Gms, |S21|² = ƒ (f)
VCE = 2 V, IC = 20 mA
0
1
2
3
4
5
6
0
4
8
12
16
20
24
28
32
36
40
44
f [GHz]
G
ms
G
ma
|S
21
|
2
Power gain Gma, Gms = ƒ (IC)
VCE = 2V
f = parameter in GHz
0
4
8
12
16
20
24
28
32 mA
40
IC
0
2
4
6
8
10
12
14
16
18
20
22
24
dB
30
0.9
1.8
2.4
3
4
5
6
Power gain Gma, Gms = ƒ (VCE)
IC = 20 mA
f = parameter in GHz
0
0.5
1
1.5
2
2.5
3
3.5
V
4.5
VCE
0
2
4
6
8
10
12
14
16
18
20
22
24
dB
30
0.9
1.8
2.4
3
4
5
6


Similar Part No. - BFP420_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP420E6327 INFINEON-BFP420E6327 Datasheet
542Kb / 9P
   NPN Silicon RF Transistor
2009-12-02
BFP420F INFINEON-BFP420F Datasheet
49Kb / 4P
   NPN Silicon RF Transistor
Dec-07-2001
BFP420F INFINEON-BFP420F Datasheet
63Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
BFP420F INFINEON-BFP420F Datasheet
1Mb / 30P
   Low Noise Silicon Bipolar RF Transistor
Revision 1.1, 2012-11-07
BFP420F INFINEON-BFP420F_07 Datasheet
63Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
More results

Similar Description - BFP420_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR35AP INFINEON-BFR35AP_13 Datasheet
602Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2015-10-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com