Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP405 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP405
Description  Low Noise Silicon Bipolar RF Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP405 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BFP405_13 Datasheet HTML 1Page - Infineon Technologies AG BFP405_13 Datasheet HTML 2Page - Infineon Technologies AG BFP405_13 Datasheet HTML 3Page - Infineon Technologies AG BFP405_13 Datasheet HTML 4Page - Infineon Technologies AG BFP405_13 Datasheet HTML 5Page - Infineon Technologies AG BFP405_13 Datasheet HTML 6Page - Infineon Technologies AG BFP405_13 Datasheet HTML 7Page - Infineon Technologies AG BFP405_13 Datasheet HTML 8Page - Infineon Technologies AG BFP405_13 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2013-09-19
6
BFP405
Noise figure F =
ƒ(IC)
VCE = 2 V, ZS = ZSopt
0
2
4
6
8
mA
12
IC
0
0.5
1
1.5
2
2.5
3
dB
4
f = 6 GHz
f = 5 GHz
f = 4 GHz
f = 3 GHz
f = 2.4 GHz
f = 1.8 GHz
f = 0.9 GHz
Noise figure F =
ƒ(IC)
VCE = 2 V, f = 1.8 GHz
0
2
4
6
8
mA
12
IC
0
0.5
1
1.5
2
2.5
3
dB
4
ZS = 50 Ohm
ZS = ZSopt
Noise figure F =
ƒ(f)
VCE = 1 V, ZS = ZSopt
0
1
2
3
4
GHz
6
f
0
0.5
1
1.5
2
dB
3
IC = 5 mA
IC = 2 mA
Source impedance for min.
noise figure vs. frequency
VCE = 3 V, IC = 2 mA / 5 mA
100
+j10
-j10
50
+j25
-j25
25
+j50
-j50
10
+j100
-j100
0
0.9GHz
1.8GHz
3GHz
4GHz
5GHz
6GHz
2mA
5mA


Similar Part No. - BFP405_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
   NPN Silicon RF Transistor
Dec-07-2001
BFP405F INFINEON-BFP405F Datasheet
72Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
BFP405F INFINEON-BFP405F Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP405F INFINEON-BFP405F_07 Datasheet
72Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
BFP405F INFINEON-BFP405F_13 Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
More results

Similar Description - BFP405_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR35AP INFINEON-BFR35AP_13 Datasheet
602Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2015-10-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com