Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP405 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFP405
Description  Low Noise Silicon Bipolar RF Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP405 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFP405 Datasheet HTML 1Page - Infineon Technologies AG BFP405 Datasheet HTML 2Page - Infineon Technologies AG BFP405 Datasheet HTML 3Page - Infineon Technologies AG BFP405 Datasheet HTML 4Page - Infineon Technologies AG BFP405 Datasheet HTML 5Page - Infineon Technologies AG BFP405 Datasheet HTML 6Page - Infineon Technologies AG BFP405 Datasheet HTML 7Page - Infineon Technologies AG BFP405 Datasheet HTML 8Page - Infineon Technologies AG BFP405 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2013-09-19
1
BFP405
1
2
3
4
Low Noise Silicon Bipolar RF Transistor
• For low current applications
• For oscillators up to 12 GHz
• Minimum noise figure NFmin = 1.25 dB at 1.8 GHz
Outstanding Gms = 23 dB at 1.8 GHz
• Pb-free (RoHS compliant) and halogen-free package
with visible leads
• Qualification report according to AEC-Q101 available
ESD
(Electrostatic discharge) sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFP405
ALs
1=B
2=E
3=C
4=E
-
-
SOT343
Maximum Ratings
at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Collector-emitter voltage
TA = 25 °C
TA = -55 °C
VCEO
4.5
4.1
V
Collector-emitter voltage
VCES
15
Collector-base voltage
VCBO
15
Emitter-base voltage
VEBO
1.5
Collector current
IC
25
mA
Base current
IB
3
Total power dissipation1)
TS ≤ 110 °C
Ptot
75
mW
Junction temperature
TJ
150
°C
Ambient temperature
TA
-65 ... 150
Storage temperature
TStg
-65 ... 150
1TS is measured on the emitter lead at the soldering point to the pcb


Similar Part No. - BFP405

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP405 SIEMENS-BFP405 Datasheet
49Kb / 8P
   NPN Silicon RF Transistor (For low current applications For oscillators up to 12 GHz)
logo
Infineon Technologies A...
BFP405 INFINEON-BFP405 Datasheet
83Kb / 7P
   NPN Silicon RF Transistor
Aug-20-2001
BFP405 INFINEON-BFP405 Datasheet
540Kb / 9P
   NPN Silicon RF Transistor
2009-11-06
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
   NPN Silicon RF Transistor
Dec-07-2001
BFP405F INFINEON-BFP405F Datasheet
72Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
More results

Similar Description - BFP405

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR35AP INFINEON-BFR35AP_13 Datasheet
602Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2015-10-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com