Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

971200351 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 971200351
Description  AsSSTIE Steel Spacer Stud Metric Thread int./ext.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

971200351 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  971200351 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 971200351 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1 /1
2016-05-10
971 xx0 xx1
11SMnPb30
SKl
AsSSTIE
Steel Spacer Stud
Metric Thread int./ext.
xxx xxx xxx
DaF
SCALE
SIZE
DESCRIPTION
STATUS
PROJECTION
METHOD
PAGE
DATE
ORDER CODE
MATERIAL
CHECKED
CREATED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
com. +49 79 42 945 - 0
www.we-online.de
eiSos@we-online.de
GENERAL TOLERANCE
BUSINESS UNIT
eiCan
DIN ISO 2768-1m
WEIGHT
Released
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is
especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
xxx
sectional drawing A-A
Ti
To
A
A
Order
Code
L
(mm)
G
(mm)
L1
(mm)
Thread
Size
Wrench
Size
971050471
5
8,0
2,3
M 4.0
SW 7
971060471
6
8,0
2,3
M 4.0
SW 7
971070471
7
8,0
4,5
M 4.0
SW 7
971080471
8
8,0
5,0
M 4.0
SW 7
971100471
10
8,0
5,0
M 4.0
SW 7
971110471
11
8,0
6,0
M 4.0
SW 7
971120471
12
8,0
8,0
M 4.0
SW 7
971150471
15
8,0
8,0
M 4.0
SW 7
971170471
17
8,0
10,0
M 4.0
SW 7
971200471
20
8,0
8,0
M 4.0
SW 7
971250471
25
8,0
9,0
M 4.0
SW 7
971300471
30
8,0
9,0
M 4.0
SW 7
971350471
35
8,0
10,0
M 4.0
SW 7
971400471
40
8,0
10,0
M 4.0
SW 7
971450471
45
8,0
10,0
M 4.0
SW 7
971500471
50
8,0
9,0
M 4.0
SW 7
971550471
55
8,0
9,0
M 4.0
SW 7
971600471
60
8,0
9,0
M 4.0
SW 7
971700471
70
8,0
9,0
M 4.0
SW 7
971800471
80
8,0
8,0
M 4.0
SW 7
971080481
8
8,0
5,0
M 4.0
SW 8
971100481
10
8,0
6,0
M 4.0
SW 8
971120481
12
8,0
7,0
M 4.0
SW 8
971150481
15
8,0
8,0
M 4.0
SW 8
971180481
18
8,0
8,0
M 4.0
SW 8
971200481
20
8,0
8,0
M 4.0
SW 8
971250481
25
8,0
8,0
M 4.0
SW 8
971270481
27
8,0
8,0
M 4.0
SW 8
971300481
30
8,0
8,0
M 4.0
SW 8
971350481
35
8,0
8,0
M 4.0
SW 8
971400481
40
8,0
8,0
M 4.0
SW 8
971450481
45
8,0
8,0
M 4.0
SW 8
971500481
50
8,0
8,0
M 4.0
SW 8
971080581
8
8,0
5,0
M 5.0
SW 8
971100581
10
10,0
6,0
M 5.0
SW 8
971120581
12
10,0
7,0
M 5.0
SW 8
971150581
15
10,0
8,0
M 5.0
SW 8
971200581
20
10,0
8,0
M 5.0
SW 8
971250581
25
10,0
8,0
M 5.0
SW 8
971300581
30
10,0
10,0
M 5.0
SW 8
971350581
35
8,0
10,0
M 5.0
SW 8
971400581
40
10,0
8,0
M 5.0
SW 8
971450581
45
10,0
8,0
M 5.0
SW 8
971500581
50
10,0
8,0
M 5.0
SW 8
971550581
55
10,0
11,0
M 5.0
SW 8
971600581
60
10,0
11,0
M 5.0
SW 8
971700581
70
10,0
11,0
M 5.0
SW 8
971750581
75
10,0
11,0
M 5.0
SW 8
971200511
20
10,0
10,0
M 5.0
SW 10
971250511
25
10,0
10,0
M 5.0
SW 10
971300511
30
10,0
10,0
M 5.0
SW 10
971350511
35
10,0
10,0
M 5.0
SW 10
971400511
40
10,0
10,0
M 5.0
SW 10
971450511
45
10,0
10,0
M 5.0
SW 10
971500511
50
10,0
10,0
M 5.0
SW 10
971120611
12
10,0
7,0
M 6.0
SW 10
971150611
15
10,0
12,0
M 6.0
SW 10
971200611
20
10,0
10,0
M 6.0
SW 10
971250611
25
10,0
10,0
M 6.0
SW 10
971300611
30
10,0
10,0
M 6.0
SW 10
971350611
35
10,0
10,0
M 6.0
SW 10
971400611
40
10,0
10,0
M 6.0
SW 10
971450611
45
10,0
10,0
M 6.0
SW 10
971500611
50
10,0
10,0
M 6.0
SW 10
971600611
60
10,0
10,0
M 6.0
SW 10
971700611
70
10,0
10,0
M 6.0
SW 10
971800611
80
10,0
10,0
M 6.0
SW 10
Surface coating: zinc-plated


Similar Part No. - 971200351

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9712 3M-9712 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
logo
Belden Inc.
9712 BELDEN-9712 Datasheet
144Kb / 2P
   Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM
12-20-2022
logo
Heyco.
9712 HEYCO-9712 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Belden Inc.
9712-3681000 BELDEN-9712-3681000 Datasheet
144Kb / 2P
   Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM
12-20-2022
logo
Amphenol Corporation
97121-420Y AMPHENOL-97121-420Y Datasheet
1Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
More results

Similar Description - 971200351

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
970XXXXX1 WURTH-970XXXXX1 Datasheet
68Kb / 2P
   AsSSTII Steel Spacer Stud with Metric Thread, internal/internal
9774055151R WURTH-9774055151R Datasheet
464Kb / 5P
   WA-SMSI SMT Steel Spacer with internal Thread
2020-04-30
9775086360 WURTH-9775086360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775036360 WURTH-9775036360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775076360 WURTH-9775076360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775026360 WURTH-9775026360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775046360 WURTH-9775046360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775051360 WURTH-9775051360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775031360 WURTH-9775031360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775096360 WURTH-9775096360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com