Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

970150321 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 970150321
Description  AsSSTII Steel Spacer Stud with Metric Thread, internal/internal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

970150321 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  970150321 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 970150321 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1 /1
2015-03-09
970 xxx xx1
Steel
S.Klingler
Released
AsSSTII
Steel Spacer Stud with Metric
Thread, internal/internal
xxx xxx xxx xxx xxx xxx
D. Fandrey
5 : 1
SCALE
SIZE
DESCRIPTION
STATUS
PROJECTION
METHOD
PAGE
DATE
ORDER CODE
MATERIAL
CHECKED
CREATED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Innductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
com. +49 79 42 945 - 0
www.we-online.de
eiSos@we-online.de
GENERAL TOLERANCE
BUSINESS UNIT
eiCan
DIN ISO 2768-1m
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is
especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
Surface coating: Gloss zinc-plated
A
A
M
Order
Code
L
(mm)
C
(mm)
Thread
Size
Wrench
Size
970140151
14,0
6,0
M 2,5
SW 5
970150151
15,0
6,0
M 2,5
SW 5
970160151
16,0
6,0
M 2,5
SW 5
970170151
17,0
6,0
M 2,5
SW 5
970180151
18,0
6,0
M 2,5
SW 5
970200151
20,0
6,0
M 2,5
SW 5
970220151
22,0
6,0
M 2,5
SW 5
970250151
25,0
8,0
M 2,5
SW 5
970300151
30,0
8,0
M 2,5
SW 5
970160321
16,0
6,0
M 3
SW 5,5
970170321
17,0
6,0
M 3
SW 5,5
970180321
18,0
6,0
M 3
SW 5,5
970190321
19,0
6,0
M 3
SW 5,5
970200321
20,0
6,0
M 3
SW 5,5
970210321
21,0
6,0
M 3
SW 5,5
970220321
22,0
6,0
M 3
SW 5,5
970230321
23,0
6,0
M 3
SW 5,5
970240321
24,0
6,0
M 3
SW 5,5
970250321
25,0
6,0
M 3
SW 5,5
970270321
27,0
6,0
M 3
SW 5,5
970280321
28,0
10,0
M 3
SW 5,5
970300321
30,0
6,0
M 3
SW 5,5
970350321
35,0
6,0
M 3
SW 5,5
970400321
40,0
6,0
M 3
SW 5,5
970450321
45,0
6,0
M 3
SW 5,5
970500321
50,0
6,0
M 3
SW 5,5
970550321
55,0
6,0
M 3
SW 5,5
970600321
60,0
6,0
M 3
SW 5,5
970700321
70,0
6,0
M 3
SW 5,5
970800321
80,0
6,0
M 3
SW 5,5
970170361
17,0
6,0
M 3
SW 6
970180361
18,0
6,0
M 3
SW 6
970200361
20,0
6,0
M 3
SW 6
970220361
22,0
6,0
M 3
SW 6
970250361
25,0
6,0
M 3
SW 6
970270361
27,0
6,0
M 3
SW 6
970280361
28,0
6,0
M 3
SW 6
970300361
30,0
6,0
M 3
SW 6
970350361
35,0
6,0
M 3
SW 6
970370361
37,0
6,0
M 3
SW 6
970380361
38,0
6,0
M 3
SW 6
970400361
40,0
6,0
M 3
SW 6
970420361
42,0
6,0
M 3
SW 6
970450361
45,0
6,0
M 3
SW 6
970500361
50,0
6,0
M 3
SW 6
970550361
55,0
6,0
M 3
SW 6
970600361
60,0
6,0
M 3
SW 6
970250471
25,0
10,0
M 4
SW 7
970300471
30,0
10,0
M 4
SW 7
970350471
35,0
10,0
M 4
SW 7
970400471
40,0
10,0
M 4
SW 7
970450471
45,0
10,0
M 4
SW 7
970500471
50,0
10,0
M 4
SW 7
970600471
60,0
10,0
M 4
SW 7
970700471
70,0
10,0
M 4
SW 7
970800471
80,0
10,0
M 4
SW 7
970170481
17,0
8,0
M 4
SW 8
970180481
18,0
8,0
M 4
SW 8
970200481
20,0
8,0
M 4
SW 8
970220481
22,0
8,0
M 4
SW 8
970230481
23,0
8,0
M 4
SW 8
970250481
25,0
8,0
M 4
SW 8
970270481
27,0
8,0
M 4
SW 8
970300481
30,0
8,0
M 4
SW 8
970320481
32,0
8,0
M 4
SW 8
970350481
35,0
8,0
M 4
SW 8
970400481
40,0
8,0
M 4
SW 8
970450481
45,0
8,0
M 4
SW 8
970500481
50,0
8,0
M 4
SW 8
970600481
60,0
8,0
M 4
SW 8
970950481
95,0
8,0
M 4
SW 8
970220581
22,0
10,0
M 5
SW 8
970250581
25,0
10,0
M 5
SW 8
970280581
28,0
10,0
M 5
SW 8
970300581
30,0
10,0
M 5
SW 8
970350581
35,0
10,0
M 5
SW 8
970400581
40,0
10,0
M 5
SW 8
970450581
45,0
10,0
M 5
SW 8
970500581
50,0
10,0
M 5
SW 8
970600581
60,0
11,0
M 5
SW 8
970650581
65,0
11,0
M 5
SW 8
970400511
40,0
10,0
M5
SW10


Similar Part No. - 970150321

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
9701-00 PEREGRINE-9701-00 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
9701-01 PEREGRINE-9701-01 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
9701-11 PEREGRINE-9701-11 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results

Similar Description - 970150321

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
9774055151R WURTH-9774055151R Datasheet
464Kb / 5P
   WA-SMSI SMT Steel Spacer with internal Thread
2020-04-30
971XX0XX1 WURTH-971XX0XX1 Datasheet
74Kb / 2P
   AsSSTIE Steel Spacer Stud Metric Thread int./ext.
9775096360 WURTH-9775096360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775026360 WURTH-9775026360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775046360 WURTH-9775046360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775051360 WURTH-9775051360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775086360 WURTH-9775086360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775036360 WURTH-9775036360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775076360 WURTH-9775076360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775031360 WURTH-9775031360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com