Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA52-11EWA Datasheet(PDF) 5 Page - Kingbright Corporation

Part # SA52-11EWA
Description  13.2 MM SIGNLE DIGIT NUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA52-11EWA Datasheet(HTML) 5 Page - Kingbright Corporation

  SA52-11EWA Datasheet HTML 1Page - Kingbright Corporation SA52-11EWA Datasheet HTML 2Page - Kingbright Corporation SA52-11EWA Datasheet HTML 3Page - Kingbright Corporation SA52-11EWA Datasheet HTML 4Page - Kingbright Corporation SA52-11EWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: CDA0852
REV NO: V.1
DATE: NOV/18/2001
PAGE: 5 OF 5
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
Super Bright Red


Similar Part No. - SA52-11EWA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA52-11EWA ETC-SA52-11EWA Datasheet
149Kb / 5P
   13.2MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
SA52-11EWA KINGBRIGHT-SA52-11EWA Datasheet
162Kb / 3P
   Standard-Displays
SA52-11EWA KINGBRIGHT-SA52-11EWA Datasheet
183Kb / 4P
   13.2mm(0.52INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA52-11EWA

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-54XA UOT-UVS-54XA Datasheet
66Kb / 5P
   0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Kingbright Corporation
SA05-11 KINGBRIGHT-SA05-11 Datasheet
481Kb / 5P
   12.7 MM SINGLE DIGIT NUMERIC DISPLAYS
SA39-11 KINGBRIGHT-SA39-11 Datasheet
152Kb / 5P
   9.9 MM (0.39INCH) SINGLE DIGIT NUMERIC DISPLAYS
logo
Micro Electronics
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
   0.4 SINGLE DIGIT NUMERIC DISPLAYS
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
TOT5361 ETC1-TOT5361 Datasheet
104Kb / 1P
   INCH THREE DIGIT Numeric displays
logo
Micro Electronics
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
MO456A-RD MICRO-ELECTRONICS-MO456A-RD Datasheet
72Kb / 2P
   0.56 FOUR DIGIT NUMERIC DISPLAYS
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
   0.3 SINGLE DIGIT NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTD-6000 LITEON-LTD-6000 Datasheet
959Kb / 9P
   0.56 DUAL DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com