Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048F060T040A Datasheet(PDF) 9 Page - Vicor Corporation

Part # V048F060T040A
Description  High Efficiency, Sine Amplitude Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F060T040A Datasheet(HTML) 9 Page - Vicor Corporation

Back Button V048F060T040A Datasheet HTML 5Page - Vicor Corporation V048F060T040A Datasheet HTML 6Page - Vicor Corporation V048F060T040A Datasheet HTML 7Page - Vicor Corporation V048F060T040A Datasheet HTML 8Page - Vicor Corporation V048F060T040A Datasheet HTML 9Page - Vicor Corporation V048F060T040A Datasheet HTML 10Page - Vicor Corporation V048F060T040A Datasheet HTML 11Page - Vicor Corporation V048F060T040A Datasheet HTML 12Page - Vicor Corporation V048F060T040A Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NotRecommendedforNewDesigns
VTM® Current Multiplier
Rev 1.0
vicorpower.com
Page 9 of 18
01/2014
800 927.9474
V048x060y040A
7.0 USING THE CONTROL SIGNALS VC, PC, TM, IM
The VTM Control (VC) pin is an input pin which powers the
internal VCC circuitry when within the specified voltage range
of 11.5 V to 16.5 V. This voltage is required for VTM current
multiplier start up and must be applied as long as the input is
below 26 V. In order to ensure a proper start, the slew rate of
the applied voltage must be within the specified range.
Some additional notes on the using the VC pin:
• In most applications, the VTM module will be powered by an
upstream PRM® regulator which provides a 10 ms
VC pulse during start up. In these applications the VC pins
of the PRM regulator and VTM current multiplier should be
tied together.
• The VC voltage can be applied indefinitely allowing for
continuous operation down to 0 VIN.
• The fault response of the VTM module is latching. A positive
edge on VC is required in order to restart the unit. If VC is
continuously applied the PC pin may be toggled to restart
the VTM module.
Primary Control (PC) pin can be used to accomplish the
following functions:
• Delayed start: Upon the application of VC, the PC pin will
source a constant 100 µA current to the internal RC
network. Adding an external capacitor will allow further
delay in reaching the 2.5 V threshold for module start.
• Auxiliary voltage source: Once enabled in regular
operational conditions (no fault), each VTM PC provides a
regulated 5 V, 2 mA voltage source.
• Output disable: PC pin can be actively pulled down in order
to disable the module. Pull down impedance shall be lower
than 400
Ω.
• Fault detection flag: The PC 5 V voltage source is internally
turned off as soon as a fault is detected. It is important to
notice that PC doesn’t have current sink capability. Therefore,
in an array, PC line will not be capable of disabling
neighboring modules if a fault is detected.
• Fault reset: PC may be toggled to restart the unit if VC
is continuously applied.
Temperature Monitor (TM) pin provides a voltage
proportional to the absolute temperature of the converter
control IC.
It can be used to accomplish the following functions:
• Monitor the control IC temperature: The temperature in
Kelvin is equal to the voltage on the TM pin scaled
by 100. (i.e. 3.0 V = 300 K = 27ºC). If a heat sink is applied,
TM can be used to thermally protect the system.
• Fault detection flag: The TM voltage source is internally
turned off as soon as a fault is detected. For system
monitoring purposes (microcontroller interface) faults are
detected on falling edges of TM signal.
8.0 START UP BEHAVIOR
Depending on the sequencing of the VC with respect to the
input voltage, the behavior during start up will vary as follows:
• Normal operation (VC applied prior to VIN): In this case the
controller is active prior to ramping the input. When the
input voltage is applied, the VTM module output voltage will
track the input (See Figure 10). The inrush current is
determined by the input voltage rate of rise and output
capacitance. If the VC voltage is removed prior to the input
reaching 26 V, the VTM may shut down.
• Stand-alone operation (VC applied after VIN): In this case the
VTM output will begin to rise upon the application of the
VC voltage (See Figure 11). The Adaptive Soft Start Circuit
(See Section 11) may vary the ouput rate of rise in order to
limit the inrush current to its maximum level. When starting
into high capacitance, or a short, the output current will be
limited for a maximum of 120 µsec. After this period, the
Adaptive Soft Start Circuit will time out and the VTM module
may shut down. No restart will be attempted until VC is
re-applied or PC is toggled. The maximum output
capacitance is limited to 4000 µF in this mode of operation
to ensure a sucessful start.
9.0 THERMAL CONSIDERATIONS
VI Chip® products are multi-chip modules whose temperature
distribution varies greatly for each part number as well as with
the input/ output conditions, thermal management and
environmental conditions. Maintaining the top of the
V048x060y040A case to less than 100ºC will keep all junctions
within the VI Chip module below 125ºC for most applications.
The percent of total heat dissipated through the top surface
versus through the J-lead is entirely dependent on the
particular mechanical and thermal environment. The heat
dissipated through the top surface is typically 60%. The heat
dissipated through the J-lead onto the PCB board surface is
typically 40%. Use 100% top surface dissipation when
designing for a conservative cooling solution.
It is not recommended to use a VI Chip module for an
extended period of time at full load without proper
heat sinking.


Similar Part No. - V048F060T040A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F060T040 VICOR-V048F060T040 Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F060T040 VICOR-V048F060T040 Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F060T040 VICOR-V048F060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048F060T040 VICOR-V048F060T040 Datasheet
1,010Kb / 11P
   VTM Current Multiplier
V048F060T040 VICOR-V048F060T040 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
More results

Similar Description - V048F060T040A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
V048X480Y006A VICOR-V048X480Y006A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com