Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048T080M030A Datasheet(PDF) 6 Page - Vicor Corporation

Part # V048T080M030A
Description  High Efficiency, Sine Amplitude Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048T080M030A Datasheet(HTML) 6 Page - Vicor Corporation

Back Button V048T080M030A Datasheet HTML 2Page - Vicor Corporation V048T080M030A Datasheet HTML 3Page - Vicor Corporation V048T080M030A Datasheet HTML 4Page - Vicor Corporation V048T080M030A Datasheet HTML 5Page - Vicor Corporation V048T080M030A Datasheet HTML 6Page - Vicor Corporation V048T080M030A Datasheet HTML 7Page - Vicor Corporation V048T080M030A Datasheet HTML 8Page - Vicor Corporation V048T080M030A Datasheet HTML 9Page - Vicor Corporation V048T080M030A Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Not Recommended for New Designs
VTM® Current Multiplier
Rev 1.1
vicorpower.com
Page 6 of 18
02/2015
800 927.9474
V048x080y030A
Figure 10 — Start up from application of VIN;
VC pre-applied COUT = 2300 µF
Output Voltage (V)
Safe Operating Area
0
10
20
30
40
50
60
0
1
2
3
4
5
6
7
8
9
10
Continuous
10ms Max
Figure 8 — Safe operating area
Figure 9 — Full load ripple, 100 µF CIN; No external COUT. Board
mounted module, scope setting : 20 MHz analog BW
Load Current (A)
26 V
48 V
55 V
V :
IN
Output Voltage Ripple vs. Load
25
50
75
100
125
150
175
200
225
250
0
5
10
15
20
25
30
Figure 7 — VRIPPLE vs. IOUT ; No external COUT. Board mounted
module, scope setting : 20 MHz analog BW
Efficiency & Power Dissipation 100°C Case
Load Current (A)
26 V
48 V
55 V
V :
IN
26 V
48 V
55 V
0
5
10
15
20
25
30
0
3
6
9
12
15
18
21
24
82
84
86
88
90
92
94
96
98
PD
-40
-20
0
20
40
60
80
100
Case Temperature (C)
R
OUT vs. TCASE at VIN = 48 V
Full Load
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
Figure 5 — Efficiency and power dissipation at 100°C
Figure 6 — ROUT vs. temperature


Similar Part No. - V048T080M030A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048T080M030 VICOR-V048T080M030 Datasheet
773Kb / 11P
   VTM Current Multiplier
More results

Similar Description - V048T080M030A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
V048X480Y006A VICOR-V048X480Y006A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com