Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048X240Y012A Datasheet(PDF) 3 Page - Vicor Corporation

Part # V048X240Y012A
Description  High Efficiency, Sine Amplitude Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048X240Y012A Datasheet(HTML) 3 Page - Vicor Corporation

  V048X240Y012A Datasheet HTML 1Page - Vicor Corporation V048X240Y012A Datasheet HTML 2Page - Vicor Corporation V048X240Y012A Datasheet HTML 3Page - Vicor Corporation V048X240Y012A Datasheet HTML 4Page - Vicor Corporation V048X240Y012A Datasheet HTML 5Page - Vicor Corporation V048X240Y012A Datasheet HTML 6Page - Vicor Corporation V048X240Y012A Datasheet HTML 7Page - Vicor Corporation V048X240Y012A Datasheet HTML 8Page - Vicor Corporation V048X240Y012A Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Not Recommended for New Designs
VTMCurrent Multiplier
Rev 1.2
vicorpower.com
Page 3 of 18
09/2015
800 927.9474
V048x240y012A
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX UNIT
External VC voltage
VVC_EXT
Required for start up, and operation
11.5
16.5
V
below 26 V. See Section 7.
VC = 11.5 V, VIN = 0 V
115
150
VC current draw
IVC
VC = 11.5 V, VIN > 26 V
0
mA
VC = 16.5 V, VIN > 26 V
0
Steady
Fault mode. VC > 11.5 V
60
ANALOG
VC internal diode rating
DVC_INT
100
V
INPUT
VC internal resistor
RVC-INT
0.51
k
Ω
VC internal resistor
T
VC
_COEFF
900 ppm/°C
temperature coefficient
Start Up
VC start up pulse
VVC_SP
Tpeak <18 ms
20
V
VC slew rate
dVC/dt
Required for proper start up;
0.02
0.25
V/µs
VC inrush current
IINR_VC
VC = 16.5 V, dVC/dt = 0.25 V/µs
1
A
VC to VOUT turn-on delay
TON
VIN pre-applied, PC floating,
500
µs
VC enable, CPC = 0 µF
Transitional
VC to PC delay
Tvc_pc
VC = 11.5 V to PC high, VIN = 0 V,
75
125
µs
dVC/dt = 0.25 V/µs
Internal VC capacitance
CVC_INT
VC = 0 V
3.2
µF
• Used to wake up powertrain circuit.
• A minimum of 11.5 V must be applied indefinitely for VIN < 26 V
to ensure normal operation.
• VC slew rate must be within range for a succesful start.
•PRMVC can be used as valid wake-up signal source.
• Internal Resistance used in “Adaptive Loop” compensation
• VC voltage may be continuously applied
VTM CONTROL : VC
3.0 SIGNAL CHARACTERISTICS
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the
temperaturerange of -40°C < TJ < 125°C (T-Grade); All other specifications are at TJ = 25°C unless otherwise noted.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX UNIT
PC voltage
VPC
4.7
5.0
5.3
V
ANALOG
Steady
PC source current
IPC_OP
2mA
OUTPUT
PC resistance (internal)
RPC_INT
Internal pull down resistor
50
150
400
k
Ω
Start Up
PC source current
IPC_EN
50
100
300
µA
PC capacitance (internal)
CPC_INT
Section 7
1100
pF
PC resistance (external)
RPC_S
60
k
Ω
Enable
PC voltage
VPC_EN
2
2.5
3
V
DIGITAL
Disable
PC voltage (disable)
VPC_DIS
2
V
INPUT / OUPUT
PC pull down current
IPC_PD
5.1
mA
Transitional
PC disable time
TPC_DIS_T
5µs
PC fault response time
TFR_PC
From fault to PC = 2 V
100
µs
• The PC pin enables and disables the VTM.
When held below 2 V, the VTM will be disabled.
• PC pin outputs 5 V during normal operation. PC pin is equal to 2.5 V
during fault mode given VIN > 26 V or VC > 11.5 V.
• After successful start up and under no fault condition, PC can be used as
a 5 V regulated voltage source with a 2 mA maximum current.
• Module will shutdown when pulled low with an impedance
less than 400
Ω.
• In an array of VTMs, connect PC pin to synchronize start up.
• PC pin cannot sink current and will not disable other modules
during fault mode.
PRIMARY CONTROL : PC


Similar Part No. - V048X240Y012A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048X060Y040A VICOR-V048X060Y040A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
V048X080Y030A VICOR-V048X080Y030A Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
V048X096Y025A VICOR-V048X096Y025A Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
V048X160Y015A VICOR-V048X160Y015A Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
V048X320Y009A VICOR-V048X320Y009A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
More results

Similar Description - V048X240Y012A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
V048X480Y006A VICOR-V048X480Y006A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com