Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCXXXAN Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74HCXXXAN
Description  Octal 3-State Inverting Buffer/Line Driver/Line Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXXAN Datasheet(HTML) 3 Page - Motorola, Inc

  MC74HCXXXAN Datasheet HTML 1Page - Motorola, Inc MC74HCXXXAN Datasheet HTML 2Page - Motorola, Inc MC74HCXXXAN Datasheet HTML 3Page - Motorola, Inc MC74HCXXXAN Datasheet HTML 4Page - Motorola, Inc MC74HCXXXAN Datasheet HTML 5Page - Motorola, Inc MC74HCXXXAN Datasheet HTML 6Page - Motorola, Inc MC74HCXXXAN Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC54/74HC240A
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Unit
Guaranteed Limit
VCC
V
Test Conditions
Parameter
Symbol
Unit
v 125_C
v 85_C
– 55 to
25
_C
VCC
V
Test Conditions
Parameter
Symbol
IOZ
Maximum Three–State
Leakage Current
Output in High–Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
± 0.5
± 5.0
± 10
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 µA
6.0
4
40
160
µA
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, A to YA or B to YB
(Figures 1 and 3)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to YA or YB
(Figures 2 and 4)
2.0
4.5
6.0
110
22
19
140
28
24
165
33
28
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to YA or YB
(Figures 2 and 4)
2.0
4.5
6.0
110
22
19
140
28
24
165
33
28
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three–State Output Capacitance (Output in
High–Impedance State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Transceiver Channel)*
Typical @ 25
°C, VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance (Per Transceiver Channel)*
32
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HCXXXAN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCXXXAN MOTOROLA-MC74HCXXXAN Datasheet
92Kb / 7P
   OCTAL 3-STATE INVERTING TRANSPARENT LATCH HIGH-PERFORMANCE SILICON-GATE CMOS
MC74HCXXXAN MOTOROLA-MC74HCXXXAN Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXXAN MOTOROLA-MC74HCXXXAN Datasheet
148Kb / 6P
   Quad 3-State Noninverting Buffers
MC74HCXXXAN MOTOROLA-MC74HCXXXAN Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXXAN MOTOROLA-MC74HCXXXAN Datasheet
197Kb / 6P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS HIGH-PERFORMANCE SILICON-GATE CMOS
More results

Similar Description - MC74HCXXXAN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC240A MOTOROLA-MC54-74HC240A Datasheet
168Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A Datasheet
180Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74ACT240 INTEGRAL-IN74ACT240 Datasheet
184Kb / 4P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
ON Semiconductor
MC74HC240AF ONSEMI-MC74HC240AF Datasheet
152Kb / 9P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
May, 2011 ??Rev. 12
logo
System Logic Semiconduc...
SL74HC240 SLS-SL74HC240 Datasheet
47Kb / 5P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC240A ONSEMI-MC74HC240A_14 Datasheet
117Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 13
MC74HC540A ONSEMI-MC74HC540A_14 Datasheet
115Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
August, 2014 ??Rev. 11
MC74HC540A ONSEMI-MC74HC540A Datasheet
146Kb / 8P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 7
logo
Integral Corp.
IN74HCT240A INTEGRAL-IN74HCT240A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
IN74HC240A INTEGRAL-IN74HC240A Datasheet
147Kb / 5P
   OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com