Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF841ES4 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF841ES4
Description  The product shall be packed properly not to be damaged during transportation and storage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF841ES4 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF841ES4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF841ES4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF841ES4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF841ES4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF841ES4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF841ES4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF841ES4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF841ES4 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF841ES4 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SAW FILTER
HDF841E
SMD-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 9
2-2.Electrical characteristics
Minimum Typical
Maximum
Center Frequency(F0
MHz
841.25
Insertion Loss(F0±9.5MHz)
dB
-
3.5
4.0
Amplitude Ripple(F0±9.5MHz)
dB
1.0
2.0
Group Delay Variation (Fo +/- 9.5 MHz)
nsec
-
30
VSWR((Fo +/- 9.5 MHz)
-
1.5
2.0
Relative Attenuation
…~ F0-35MHz
F0+70MHz~…
dB
45
45
50
50
-
Temperature Coefficient of Frequency
ppm/°C
-
-80
-
3. TEST CIRCUIT


Similar Part No. - HDF841ES4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF847ES6 SHOULDER-HDF847ES6 Datasheet
167Kb / 8P
   This specification shall cover the characteristics of SAW filter With HDF847E used for the page
More results

Similar Description - HDF841ES4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF879ES6 SHOULDER-HDF879ES6 Datasheet
165Kb / 7P
   The product shall be packed properly not to be damaged during transportation and storage
HDF387AS4 SHOULDER-HDF387AS4 Datasheet
161Kb / 7P
   The product shall be packed properly not to be damaged during transportation and storage
HDF872AS6 SHOULDER-HDF872AS6 Datasheet
161Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
HDF820ANS6 SHOULDER-HDF820ANS6 Datasheet
179Kb / 9P
   The product shall be packed properly not to be damaged during transportation and storage
HDF903A1S6 SHOULDER-HDF903A1S6 Datasheet
160Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
HDF916A1S6 SHOULDER-HDF916A1S6 Datasheet
456Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
HDF418MS3 SHOULDER-HDF418MS3 Datasheet
204Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
HDF31512M1S6 SHOULDER-HDF31512M1S6 Datasheet
198Kb / 9P
   The product shall be packed properly not to be damaged during transportation and storage
HDF827AS6 SHOULDER-HDF827AS6 Datasheet
162Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
HDF380C1S4 SHOULDER-HDF380C1S4 Datasheet
162Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com