Electronic Components Datasheet Search |
|
S28A28C200BN3 Datasheet(PDF) 4 Page - Vicor Corporation |
|
S28A28C200BN3 Datasheet(HTML) 4 Page - Vicor Corporation |
4 / 12 page 28 V Wide Maxi Family Rev 2.8 vicorpower.com Page 4 of 12 02/2016 800 927.9474 28 V Input Parameter Min Typ Max Unit Notes Efficiency S28A3V3C150BL (enhanced efficiency) 78.5 83.7 % Nominal input; full load; 25°C V28A3V3C150BL (standard efficiency) 77.3 78.6 Ripple and noise 80 100 mV p-p; Nominal input; full load; 20 MHz bandwidth Output OVP set point 4.14 4.30 4.46 Volts 25°C; recycle input voltage or PC to restart (>100 ms off) Dissipation, stand-by 11.4 12.7 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 45.45 Amps Current limit 46.4 52.3 61.5 Amps Output voltage 95% of nominal Short circuit current 31.8 52.3 61.5 Amps Output voltage <250 mV 3.3 Vout, 150 W (e.g. S28A3V3C150BL, V28A3V3C150BL) Parameter Min Typ Max Unit Notes Efficiency S28A5C175BL (enhanced efficiency) 78.6 82.0 % Nominal input; full load; 25°C V28A5C175BL (standard efficiency) 77.0 78.6 Ripple and noise 280 350 mV p-p; Nominal input; full load; 20 MHz bandwidth Output OVP set point 6.03 6.25 6.47 Volts 25°C; recycle input voltage or PC to restart (>100 ms off) Dissipation, stand-by 14.4 15.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Curent 0 35 Amps Current limit 35.7 40.3 49.0 Amps Output voltage 95% of nominal Short circuit current 24.5 40.3 47.3 Amps Output voltage <250 mV 5 Vout, 175 W (e.g. S28A5C175BL, V28A5C175BL) Parameter Min Typ Max Unit Notes Efficiency S28A6V5C200BL (enhanced efficiency) 80.0 83.0 % Nominal input; full load; 25°C V28A6V5C200BL (standard efficiency) 78.5 79.7 Ripple and noise 275 344 mV p-p; Nominal input; full load; 20 MHz bandwidth Output OVP setpoint 7.7 7.98 8.26 Volts 25°C; recycle input voltage or PC to restart (>100 ms off) Dissipation, standby 11.6 12.2 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 30.77 Amps Current limit 31.4 35.4 41.6 Amps Output voltage 95% of nominal Short circuit current 21.5 35.4 41.6 Amps Output voltage <250 mV 6.5 Vout, 200 W (e.g. S28A6V5C200BL, V28A6V5C200BL) Parameter Min Typ Max Unit Notes Efficiency S28A8C200BL (enhanced efficiency) 80.5 83.5 % Nominal input; full load; 25°C V28A8C200BL (standard efficiency) 79.5 80.9 Ripple and noise 325 407 mV p-p; Nominal input; full load; 20 MHz bandwidth Output OVP setpoint 9.36 9.7 10.1 Volts 25°C; recycle input voltage or PC to restart (>100 ms off) Dissipation, standby 15.6 16.5 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Output Current 0 25 Amps Current limit 25.5 28.8 33.8 Amps Output voltage 95% of nominal Short circuit current 17.5 28.8 33.8 Amps Output voltage <250 mV 8 Vout, 200 W (e.g. S28A8C200BL, V28A8C200BL) MODULE SPECIFIC OPERATING SPECIFICATIONS |
Similar Part No. - S28A28C200BN3 |
|
Similar Description - S28A28C200BN3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |