Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA2717 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BGA2717
Description  MMIC wideband amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2717 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BGA2717 Datasheet HTML 5Page - NXP Semiconductors BGA2717 Datasheet HTML 6Page - NXP Semiconductors BGA2717 Datasheet HTML 7Page - NXP Semiconductors BGA2717 Datasheet HTML 8Page - NXP Semiconductors BGA2717 Datasheet HTML 9Page - NXP Semiconductors BGA2717 Datasheet HTML 10Page - NXP Semiconductors BGA2717 Datasheet HTML 11Page - NXP Semiconductors BGA2717 Datasheet HTML 12Page - NXP Semiconductors BGA2717 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9397 750 13293
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 24 September 2004
9 of 14
Philips Semiconductors
BGA2717
MMIC wideband amplifier
Zo = 50 Ω.
(1) IS = 8.9 mA; VS = 5.5 V.
(2) IS = 8 mA; VS = 5 V.
(3) IS = 7.2 mA; VS = 4.5 V.
IS = 8 mA; VS = 5 V; Zo = 50 Ω.
Fig 12. Noise figure as a function of frequency; typical
values.
Fig 13. Stability factor as a function of frequency;
typical values.
f (MHz)
0
2500
2000
1000
1500
500
001aab271
2
1
3
4
NF
(dB)
0
(1)
(2)
(3)
f (MHz)
0
4000
3000
1000
2000
001aab272
10
15
5
20
25
K
0


Similar Part No. - BGA2717

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2717 NXP-BGA2717 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGA2717

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2712 PHILIPS-BGA2712 Datasheet
83Kb / 12P
   MMIC wideband amplifier
2002 Sep 10
BGM1011 PHILIPS-BGM1011 Datasheet
125Kb / 11P
   MMIC wideband amplifier
2002 Jan 14
BGM1012 PHILIPS-BGM1012 Datasheet
87Kb / 12P
   MMIC wideband amplifier
2002 Sep 06
BGA2850 NXP-BGA2850 Datasheet
560Kb / 18P
   MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2816 NXP-BGA2816 Datasheet
249Kb / 18P
   MMIC wideband amplifier
Rev. 5-13 July 2015
BGA2714 PHILIPS-BGA2714 Datasheet
93Kb / 15P
   MMIC wideband amplifier
Rev. 01-24 May 2007
BGA2801 NXP-BGA2801 Datasheet
552Kb / 18P
   MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2714 NXP-BGA2714 Datasheet
100Kb / 15P
   MMIC wideband amplifier
Rev. 01-24 May 2007
BGA2709 PHILIPS-BGA2709 Datasheet
86Kb / 12P
   MMIC wideband amplifier
2002 Aug 06
BGA2715 PHILIPS-BGA2715 Datasheet
88Kb / 14P
   MMIC wideband amplifier
Rev. 02-24 September 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com