Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA2717 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGA2717
Description  MMIC wideband amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA2717 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGA2717 Datasheet HTML 1Page - NXP Semiconductors BGA2717 Datasheet HTML 2Page - NXP Semiconductors BGA2717 Datasheet HTML 3Page - NXP Semiconductors BGA2717 Datasheet HTML 4Page - NXP Semiconductors BGA2717 Datasheet HTML 5Page - NXP Semiconductors BGA2717 Datasheet HTML 6Page - NXP Semiconductors BGA2717 Datasheet HTML 7Page - NXP Semiconductors BGA2717 Datasheet HTML 8Page - NXP Semiconductors BGA2717 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
9397 750 13293
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 24 September 2004
4 of 14
Philips Semiconductors
BGA2717
MMIC wideband amplifier
8.
Application information
Figure 1 shows a typical application circuit for the BGA2717 MMIC. The device is
internally matched to 50
Ω, and therefore does not need any external matching. The value
of the input and output DC blocking capacitors C2 and C3 should not be more than 100 pF
for applications above 100 MHz. However, when the device is operated below 100 MHz,
the capacitor value should be increased.
The 22 nF supply decoupling capacitor C1 should be located as close as possible to the
MMIC.
The printed-circuit board (PCB) top ground plane, connected to pins 2, 4 and 5 must be as
close as possible to the MMIC, and ideally directly beneath it. When using via holes, use
multiple via holes, located as close as possible to the MMIC.
Figure 2 shows the PCB layout, used for the standard demonstration board.
Fig 1.
Typical application circuit.
mgu435
RF_OUT
RF_IN
C1
C2
C3
GND2
GND1
VS
VS
RF input
RF output
1
3
2, 5
6
4


Similar Part No. - BGA2717

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2717 NXP-BGA2717 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGA2717

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2712 PHILIPS-BGA2712 Datasheet
83Kb / 12P
   MMIC wideband amplifier
2002 Sep 10
BGM1011 PHILIPS-BGM1011 Datasheet
125Kb / 11P
   MMIC wideband amplifier
2002 Jan 14
BGM1012 PHILIPS-BGM1012 Datasheet
87Kb / 12P
   MMIC wideband amplifier
2002 Sep 06
BGA2850 NXP-BGA2850 Datasheet
560Kb / 18P
   MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2816 NXP-BGA2816 Datasheet
249Kb / 18P
   MMIC wideband amplifier
Rev. 5-13 July 2015
BGA2714 PHILIPS-BGA2714 Datasheet
93Kb / 15P
   MMIC wideband amplifier
Rev. 01-24 May 2007
BGA2801 NXP-BGA2801 Datasheet
552Kb / 18P
   MMIC wideband amplifier
Rev. 1-17 August 2010
BGA2714 NXP-BGA2714 Datasheet
100Kb / 15P
   MMIC wideband amplifier
Rev. 01-24 May 2007
BGA2709 PHILIPS-BGA2709 Datasheet
86Kb / 12P
   MMIC wideband amplifier
2002 Aug 06
BGA2715 PHILIPS-BGA2715 Datasheet
88Kb / 14P
   MMIC wideband amplifier
Rev. 02-24 September 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com