Electronic Components Datasheet Search |
|
S24B24E150BL Datasheet(PDF) 9 Page - Vicor Corporation |
|
S24B24E150BL Datasheet(HTML) 9 Page - Vicor Corporation |
9 / 15 page 24V Mini Family Rev 4.9 vicorpower.com Page 9 of 15 01/2016 800 927.9474 24V Input Parameter Min Typ Max Unit Notes Efficiency 87.9 88.9 % Nominal input; full load; 25°C Ripple and noise 125 157 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 53.7 55.7 57.7 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 3.7 4.2 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 3.13 Amps Current limit 3.19 3.6 4.23 Amps Output voltage 95% of nominal Short circuit current 2.19 3.6 4.33 Amps Output voltage <250mV 48VOUT, 150W (e.g. V24B48C150BL) Parameter Min Typ Max Unit Notes Efficiency 86.0 87.5 % Nominal input; full load; 25°C Ripple and noise 225 282 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 53.8 55.8 57.8 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 5.4 5.8 Watts No load Load regulation ±0.02 ±0.5 % No load to full load; nominal input Load current 0 4.17 Amps Current limit 4.25 4.8 5.63 Amps Output voltage 95% of nominal Short circuit current 2.91 4.8 5.63 Amps Output voltage <250mV 48VOUT, 200W (e.g. V24B48C200BL) MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) |
Similar Part No. - S24B24E150BL |
|
Similar Description - S24B24E150BL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |