Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF869AN2S6 Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDF869AN2S6
Description  Tensile Strength of Carrier Tape: 4.4N/mm width
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF869AN2S6 Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDF869AN2S6 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF869AN2S6 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SAW FILTER
HDF869AN2-S6
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 8
3. Test Circuit
4. ENVIRONMENTAL CHARACTERISTICS
4-1 High temperature exposure(高温存放)
Subject the device to +85℃ for 16 hours. Then release the filter into the room conditions
for 24 hours prior to the measurement. It shall fulfill the specifications in 2-2.
4-2 Low temperature exposure(低温存放)
Subject the device to -40℃ for 16 hours. Then release the device into the room conditions
for 24 hours prior to the measurement. It shall fulfill the specifications in 2-2.
4-3 Temperature cycling(温度循环)
Subject the device to a low temperature of -40℃ for 30 minutes. Following by a high
temperature of +85℃ for 30 Minutes. Then release the device into the room conditions
for 24 hours prior to the measurement. It shall meet the specifications in 2-2.
4-4 Resistance to solder heat(耐焊接热)
1、immerge the solder bath at 260℃ for 10 sec.(浸入 260℃焊锡槽 10 秒)
2、the iron at 370℃ for 3 sec(烙铁 370℃3 秒)
4-5 Solderability(可焊性)
Subject the device terminals into the solder bath at 245℃ ±5℃ for 5s, More than 95%
area of the terminals must be covered with new solder. It shall meet the specifications in
2-2. (浸没在温度 245℃+5/-0℃的焊锡中,持续 3 秒,焊锡覆盖面积大于 95%)
4-6 Reflow soldering(回流焊)
The specimen shall be passed through the reflow furnace with the condition shown in
the above profile for 1 time.
The specimen shall be stored at standard atmospheric conditions for 1h, after which
the measurement shall be made. Test board shall be 1.6 mm thick. Base material shall be
glass fabric base epoxy resin.
4
-7 Mechanical shock(机械冲击)
Drop the device randomly onto the concrete floor from the height of 1m 3 times. the device
shall fulfill the specifications in 2-2.


Similar Part No. - HDF869AN2S6

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF869ANS6 SHOULDER-HDF869ANS6 Datasheet
163Kb / 8P
   Low-Loss SAW Filter of cordless system
More results

Similar Description - HDF869AN2S6

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF374ES4 SHOULDER-HDF374ES4 Datasheet
380Kb / 9P
   Tensile Strength of Carrier Tape: 4.4N/mm width
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1A-0.4 MICROCRYSTAL-CM7V-T1A-0.4 Datasheet
52Kb / 1P
   8 mm Carrier-Tape
logo
Analog Microelectronics
REEL-DFN-6D AME-REEL-DFN-6D Datasheet
27Kb / 1P
   (2x2x0.75mm) Carrier Width (W) 8.0-0.1 mm
REEL-DFN-8C AME-REEL-DFN-8C Datasheet
36Kb / 1P
   (3x3x0.75mm) Carrier Width (W) 12.0-0.1 mm
REEL-DFN-10B AME-REEL-DFN-10B Datasheet
34Kb / 1P
   (3x3x0.75mm) Carrier Width (W) 12.0-0.1 mm
REEL-SC-70-4 AME-REEL-SC-70-4 Datasheet
43Kb / 1P
   Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-8 AME-REEL-MSOP-8 Datasheet
35Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-TO-263-2 AME-REEL-TO-263-2 Datasheet
34Kb / 1P
   Carrier Width (W) 24.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-8PP AME-REEL-MSOP-8PP Datasheet
27Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-10PP AME-REEL-MSOP-10PP Datasheet
36Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com