Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF870AS4 Datasheet(PDF) 7 Page - Shoulder Electronics Limited.

Part # HDF870AS4
Description  Low-Loss SAW Filter of cordless system
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF870AS4 Datasheet(HTML) 7 Page - Shoulder Electronics Limited.

  HDF870AS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF870AS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF870AS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF870AS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF870AS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF870AS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF870AS4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF870AS4 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SAW FILTER
HDF870A
S-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 7 of 8
7. TAPE SPECIFICATIONS
7.1 Tensile Strength of Carrier Tape: 4.4N/mm width
7.2 Top Cover Tape Adhesion (See the below figure)
(1) pull off angle: 0~15º
(2) speed: 300mm/min.
(3) force: 20~70g
[Figure 1] Carrier Tape Dimensions


Similar Part No. - HDF870AS4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF872AS6 SHOULDER-HDF872AS6 Datasheet
161Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
HDF879ES6 SHOULDER-HDF879ES6 Datasheet
165Kb / 7P
   The product shall be packed properly not to be damaged during transportation and storage
More results

Similar Description - HDF870AS4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF674AS4 SHOULDER-HDF674AS4 Datasheet
208Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF767ANS6 SHOULDER-HDF767ANS6 Datasheet
223Kb / 9P
   Low-Loss SAW Filter of cordless system.
HDF897E3S6 SHOULDER-HDF897E3S6 Datasheet
222Kb / 9P
   Low-Loss SAW Filter of cordless system
HDF8683A1S4 SHOULDER-HDF8683A1S4 Datasheet
190Kb / 9P
   Low-Loss SAW Filter of cordless system.
HDF860CS6 SHOULDER-HDF860CS6 Datasheet
163Kb / 8P
   Low-Loss SAW Filter of cordless system
HDF921A2S4 SHOULDER-HDF921A2S4 Datasheet
164Kb / 8P
   Low-Loss SAW Filter of cordless system
HDF682AS4 SHOULDER-HDF682AS4 Datasheet
189Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF746AS4 SHOULDER-HDF746AS4 Datasheet
160Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF802ANS3 SHOULDER-HDF802ANS3 Datasheet
161Kb / 7P
   Low-Loss SAW Filter of cordless system.
HDF806CS6 SHOULDER-HDF806CS6 Datasheet
163Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF86835AS6 SHOULDER-HDF86835AS6 Datasheet
168Kb / 8P
   Low-Loss SAW Filter of cordless system.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com