Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S28A48H200BG3 Datasheet(PDF) 3 Page - Vicor Corporation

Part # S28A48H200BG3
Description  DC-DC Converter Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

S28A48H200BG3 Datasheet(HTML) 3 Page - Vicor Corporation

  S28A48H200BG3 Datasheet HTML 1Page - Vicor Corporation S28A48H200BG3 Datasheet HTML 2Page - Vicor Corporation S28A48H200BG3 Datasheet HTML 3Page - Vicor Corporation S28A48H200BG3 Datasheet HTML 4Page - Vicor Corporation S28A48H200BG3 Datasheet HTML 5Page - Vicor Corporation S28A48H200BG3 Datasheet HTML 6Page - Vicor Corporation S28A48H200BG3 Datasheet HTML 7Page - Vicor Corporation S28A48H200BG3 Datasheet HTML 8Page - Vicor Corporation S28A48H200BG3 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
28 V Wide Maxi Family
Rev 2.8
vicorpower.com
Page 3 of 12
02/2016
800 927.9474
28 V Input
Parameter
Min
Typ
Max
Unit
Notes
PRIMARY SIDE
(PC = Primary Control; PR = Parallel)
PC bias voltage
5.50
5.75
6.00
Vdc
PC current = 1.0 mA
current limit
1.5
2.1
3.0
mA
PC voltage = 5.5 V
During normal operation
PC module disable
2.3
2.6
2.9
Vdc
Switch must be able to sink ≥4 mA. See Fig. 2
PC module enable delay
4
7
ms
PC module alarm
0.5
Vavg
UV, OV, OT, module fault. See Figs. 3 and 5
PC resistance
0.9
1.0
1.1
See Fig. 3, converter off or fault mode
PR emitter amplitude
5.7
5.9
6.1
Volts
PR load >30 Ω, < 30 pF
PR emitter current
150
mA
PR receiver impedance
375
500
625
Ω
25°C
PR receiver threshold
2.4
2.5
2.6
Volts
Minimum pulse width: 20 ns
PR drive capability
12
modules
Without PR buffer amplifier
SECONDARY SIDE
(SC = Secondary Control)
SC bandgap voltage
1.21
1.23
1.25
Vdc
Referenced to –Sense
SC resistance
990
1000
1010
Ω
SC capacitance
0.033
µ
F
SC module alarm
0
Vdc
With open trim; referenced to –Sense. See Fig. 7
Parameter
Min
Typ
Max
Unit
Notes
Remote sense (total drop)
0.5
Vdc
0.25 V per leg (sense leads must be connected to
respective, output terminals)
Isolation test voltage (in to out)*
3000
Vrms
Complies with reinforced insulation requirements
Isolation test voltage (in to base)*
1500
Vrms
Complies with basic insulation requirements
Isolation test voltage (out to base)*
500
Vrms
Complies with operational insulation requirements
Isolation resistance
10
in to out, in to baseplate, out to baseplate
Weight (E, C, T grade)
6.5
7.3
8.1
ounces
(184.3)
(207.5)
(230.7)
(grams)
Weight (H, M grade)
7.4
8.2
9.0
ounces
(209.3)
(232.5)
(255.7)
(grams)
Temperature limiting
100
115
°C
See Figs. 3 and 5. Do not operate coverter >100C.
Agency approvals
cURus, cTÜVus, CE
UL60950-1, EN60950-1, CSA60950-1, IEC60950-1.
With appropriate fuse in series with the +Input
MODULE CONTROL SPECIFICATIONS
MODULE GENERAL SPECIFICATIONS
* Isolation test voltage, 1 minute or less.
Note:
Specifications are subject to change without notice.


Similar Part No. - S28A48H200BG3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S28AW ETC2-S28AW Datasheet
200Kb / 5P
   Medium Capacity Standard Size Toggles
More results

Similar Description - S28A48H200BG3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com