Electronic Components Datasheet Search |
|
V24A36E300BF Datasheet(PDF) 3 Page - Vicor Corporation |
|
V24A36E300BF Datasheet(HTML) 3 Page - Vicor Corporation |
3 / 15 page 24V Maxi Family Rev 6.6 vicorpower.com Page 3 of 15 01/2016 800 927.9474 24V Input Parameter Min Typ Max Unit Notes Primary Side (PC = Primary Control; PR = Parallel) PC bias voltage 5.50 5.75 6.00 VDC PC current = 1.0mA current limit 1.5 2.1 3.0 mA PC voltage = 5.5V During normal operation PC module disable 2.3 2.6 2.9 VDC Switch must be able to sink ≥4mA. See Fig. 2 PC module enable delay 4 7 ms PC module alarm 0.5 Vavg UV, OV, OT, module fault. See Figs. 3 and 5 PC resistance 0.9 1.0 1.1 MΩ See Fig. 3, converter off or fault mode PR emitter amplitude 5.7 5.9 6.1 Volts PR load >30Ω, <30pF PR emitter current 150 mA PR receiver impedance 375 500 625 Ω 25°C PR receiver threshold 2.4 2.5 2.6 Volts Minimum pulse width: 20ns PR drive capability 12 modules Without PR buffer amplifier Secondary Side (SC = Secondary Control) SC bandgap voltage 1.21 1.23 1.25 VDC Referenced to –Sense SC resistance 990 1000 1010 Ω SC capacitance 0.033 µF SC module alarm 0 VDC With open trim; referenced to –Sense. See Fig. 7 MODULE CONTROL SPECIFICATIONS MODULE GENERAL SPECIFICATIONS Module Family Electrical Characteristics (Cont.) * Isolation test voltage, 1 minute or less. Note: Specifications are subject to change without notice. Parameter Min Typ Max Unit Notes Remote sense (total drop) 0.5 VDC 0.25V per leg (sense leads must be connected to respective, output terminals) Isolation test voltage (in to out)* 3000 VRMS Complies with reinforced insulation requirements Isolation test voltage (in to base)* 1500 VRMS Complies with basic insulation requirements Isolation test voltage (out to base)* 500 VRMS Complies with operational insulation requirements Isolation resistance 10 MΩ in to out, in to baseplate, out to baseplate Weight (E, C, T grade) 6.5 7.3 8.1 ounces (184.3) (207.5) (230.7) (grams) Weight (H, M grade) 7.4 8.2 9.0 ounces (209.3) (232.5) (255.7) (grams) Temperature limiting 100 115 °C See Figs. 3 and 5. Do not operate coverter >100C. Agency approvals cURus, cTÜVus, CE UL60950-1, EN60950-1, CSA60950-1, IEC60950-1. With appropriate fuse in series with the +Input |
Similar Part No. - V24A36E300BF |
|
Similar Description - V24A36E300BF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |