Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF915C1S6 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF915C1S6
Description  Low-loss RF filter for remote control receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF915C1S6 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF915C1S6 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF915C1S6 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF915C1S6 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF915C1S6 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF915C1S6 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF915C1S6 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF915C1S6 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF915C1S6 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF915C1S6 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SAW FILTER
HDF915C1
S6
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 9
1. Package Dimension
2. Marking:HDF6943
HD: Brand
F : Filter
6:SMD-6
943 : No.
3.Performance
3.1Application
Low-loss RF filter for remote control receivers
Center Frequency:915 MHz
3.2Maximum Rating
Operation Temperature Range
-40℃ to +85℃
Storage Temperature Range
-40℃to +85℃
DC. Permissive Voltage
5V DC. max.
Maximum Input Power
15dBm


Similar Part No. - HDF915C1S6

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF915CS6 SHOULDER-HDF915CS6 Datasheet
169Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
More results

Similar Description - HDF915C1S6

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3535 EPCOS-B3535 Datasheet
104Kb / 11P
   Low-loss RF filter for remote control receivers
B3534 EPCOS-B3534 Datasheet
126Kb / 13P
   Low-loss RF filter for remote control receivers
B3786 EPCOS-B3786 Datasheet
110Kb / 10P
   Low-loss RF filter for remote control receivers
logo
Transko Electronics, In...
TF-8026-ND TRANSKO-TF-8026-ND Datasheet
434Kb / 3P
   Low-Loss RF SAW Filter for Remote Control
Revision0: Aug 2015
logo
Oscilent Corporation
805-RF315.0M-A OSCILENT-805-RF315.0M-A Datasheet
180Kb / 2P
   RF SAW Filter for Remote Control
logo
List of Unclassifed Man...
ML926 ETC1-ML926 Datasheet
209Kb / 2P
   REMOTE CONTROL RECEIVERS
logo
Oscilent Corporation
802-RF915.0M-C OSCILENT-802-RF915.0M-C Datasheet
183Kb / 3P
   Remote control receivers
805-RF434.42M-B OSCILENT-805-RF434.42M-B Datasheet
203Kb / 2P
   Remote Control, RF SAW Filter
805-RF315.0M-A OSCILENT-805-RF315.0M-A_14 Datasheet
123Kb / 4P
   Remote Control, RF SAW Filter
863-RF315.0M-A OSCILENT-863-RF315.0M-A Datasheet
193Kb / 2P
   Remote Control, RF SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com