Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61535A-IL1 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS61535A-IL1
Description  T1/E1 LINE INTERFACE
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A-IL1 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS61535A-IL1 Datasheet HTML 30Page - Cirrus Logic CS61535A-IL1 Datasheet HTML 31Page - Cirrus Logic CS61535A-IL1 Datasheet HTML 32Page - Cirrus Logic CS61535A-IL1 Datasheet HTML 33Page - Cirrus Logic CS61535A-IL1 Datasheet HTML 34Page - Cirrus Logic CS61535A-IL1 Datasheet HTML 35Page - Cirrus Logic CS61535A-IL1 Datasheet HTML 36Page - Cirrus Logic CS61535A-IL1 Datasheet HTML 37Page - Cirrus Logic CS61535A-IL1 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Application
Turns
Ratio(s)
Manufacturer
Part Number
Package Type
RX:
T1 & E1
1:2CT
Pulse Engineering
PE-65351
1.5 kV through-hole, single
Schott
67129300
Bel Fuse
0553-0013-HC
TX:
T1
1:1.15
Pulse Engineering
PE-65388
1.5 kV through-hole, single
Schott
67129310
Bel Fuse
0553-0013-RC
TX:
E1 (75 & 120
Ω)
1:1.26
1:1
Pulse Engineering
PE-65389
1.5 kV through-hole, single
Schott
67129320
Bel Fuse
0553-0013-SC
RX &TX:
T1
1:2CT
1:1.15
Pulse Engineering
PE-65565
1.5 kV through-hole, dual
Bel Fuse
0553-0013-7J
RX &TX:
E1 (75 & 120
Ω)
1:2CT
1:1.26
1:1
Pulse Engineering
PE-65566
1.5 kV through-hole, dual
Bel Fuse
0553-0013-8J
RX &TX:
T1
1:2CT
1:1.15
Pulse Engineering
PE-65765
1.5 kVsurface-mount, dual
Bel Fuse
S553-0013-06
RX &TX:
E1 (75 & 120
Ω)
1:2CT
1:1.26
1:1
Pulse Engineering
PE-65766
1.5 kV surface-mount, dual
Bel Fuse
S553-0013-07
RX :
T1 & E1
1:2CT
Pulse Engineering
PE-65835
3 kV through-hole, single
EN60950, EN41003 approved
TX:
E1 (75 & 120
Ω)
1:1.26
1:1
Pulse Engineering
PE-65839
3 kV through-hole, single
EN60950, EN41003 approved
Table A3. Recommended Transformers For The CS61535A
CS61535A
34
DS40F2


Similar Part No. - CS61535A-IL1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61535A-IL1Z CIRRUS-CS61535A-IL1Z Datasheet
415Kb / 36P
   T1/E1 Line Interface
More results

Similar Description - CS61535A-IL1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
CS61574A CIRRUS-CS61574A Datasheet
651Kb / 44P
   T1/E1 LINE INTERFACE
CS61305A CIRRUS-CS61305A Datasheet
631Kb / 44P
   T1/E1 LINE INTERFACE
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
   DUAL T1/E1 LINE INTERFACE
logo
Allied Components Inter...
ATE-4207I ALLIED-ATE-4207I Datasheet
317Kb / 1P
   T1/E1/CEPT Line Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com