Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7WB3306MUTAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # 7WB3306MUTAG
Description  2-Bit Bus Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WB3306MUTAG Datasheet(HTML) 5 Page - ON Semiconductor

  7WB3306MUTAG Datasheet HTML 1Page - ON Semiconductor 7WB3306MUTAG Datasheet HTML 2Page - ON Semiconductor 7WB3306MUTAG Datasheet HTML 3Page - ON Semiconductor 7WB3306MUTAG Datasheet HTML 4Page - ON Semiconductor 7WB3306MUTAG Datasheet HTML 5Page - ON Semiconductor 7WB3306MUTAG Datasheet HTML 6Page - ON Semiconductor 7WB3306MUTAG Datasheet HTML 7Page - ON Semiconductor 7WB3306MUTAG Datasheet HTML 8Page - ON Semiconductor 7WB3306MUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
7WB3306
http://onsemi.com
5
TYPICAL DC CHARACTERISTICS
Figure 4. Output Voltage High vs Supply Voltage
VCC, SUPPLY VOLTAGE (V)
4.50
4.00
4.25
4.75
5.00
5.50
5.75
IOH =
−0.1 mA
−6 mA
−12 mA
−24 mA
VCC, SUPPLY VOLTAGE (V)
VCC, SUPPLY VOLTAGE (V)
4.25
4.00
3.75
3.50
3.25
3.00
2.75
2.50
2.25
5.25
5.60
TA = +85°C
VIN = VCC
4.50
4.00
4.25
4.75
5.00
5.50
5.75
IOH =
−0.1 mA
−6 mA
−12 mA
−24 mA
4.25
4.00
3.75
3.50
3.25
3.00
2.75
2.50
2.25
5.25
5.60
TA = +25°C
VIN = VCC
4.50
4.00
4.25
4.75
5.00
5.50
5.75
IOH =
−0.1 mA
−6 mA
−12 mA
−24 mA
4.25
4.00
3.75
3.50
3.25
3.00
2.75
2.50
2.25
5.25
5.60
TA = −40°C
VIN = VCC


Similar Part No. - 7WB3306MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7WB3306MUTAG ONSEMI-7WB3306MUTAG Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3306MUTAG ONSEMI-7WB3306MUTAG Datasheet
146Kb / 12P
   2-Bit Bus Switch
December, 2010 ??Rev. 2
More results

Similar Description - 7WB3306MUTAG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3306 NEXPERIA-74CBTLV3306 Datasheet
844Kb / 17P
   2-bit bus switch
logo
ON Semiconductor
7WB3305 ONSEMI-7WB3305_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3305 ONSEMI-7WB3305 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3125 ONSEMI-7WB3125_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3126 ONSEMI-7WB3126_14 Datasheet
86Kb / 10P
   2-Bit Bus Switch
October, 2014 ??Rev. 1
7WB3306DTR2G ONSEMI-7WB3306DTR2G Datasheet
146Kb / 12P
   2-Bit Bus Switch
December, 2010 ??Rev. 2
7WB3126 ONSEMI-7WB3126 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3306 ONSEMI-7WB3306 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WB3125 ONSEMI-7WB3125 Datasheet
165Kb / 11P
   2-Bit Bus Switch
April, 2010 ??Rev. 0
7WBD3126 ONSEMI-7WBD3126 Datasheet
187Kb / 13P
   2-Bit Translating Bus Switch
February, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com