Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4500DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4500DY
Description  Complementary MOSFET Half-Bridge (N- and P-Channel)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4500DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4500DY Datasheet HTML 1Page - Vishay Siliconix SI4500DY Datasheet HTML 2Page - Vishay Siliconix SI4500DY Datasheet HTML 3Page - Vishay Siliconix SI4500DY Datasheet HTML 4Page - Vishay Siliconix SI4500DY Datasheet HTML 5Page - Vishay Siliconix SI4500DY Datasheet HTML 6Page - Vishay Siliconix SI4500DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Si4500DY
Vishay Siliconix
New Product
Document Number: 70880
S-00269—Rev. A, 26-Apr-99
www.vishay.com
S FaxBack 408-970-5600
2-1
Complementary MOSFET Half-Bridge (N- and P-Channel)
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
N-Channel
20
0.030 @ VGS = 4.5 V
"7.0
N-Channel
20
0.040 @ VGS = 2.5 V
"6.0
P-Channel
–20
0.065 @ VGS = –4.5 V
"4.5
P-Channel
–20
0.100 @ VGS = –2.5 V
"3.5
S1
D
G1
D
S2
D
G2
D
SO-8
5
6
7
8
Top View
2
3
4
1
S2
G2
G1
S1
D
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
20
–20
V
Gate-Source Voltage
VGS
"12
"12
V
Continuous Drain Current (TJ = 150_C)a, b
TA = 25_C
ID
"7.0
"4.5
A
Continuous Drain Current (TJ = 150_C)a, b
TA = 70_C
ID
"5.5
"3.5
A
Pulsed Drain Current
IDM
"30
"20
A
Continuous Source Current (Diode Conduction)a, b
IS
1.7
–1.7
Maximum Power Dissipationa, b
TA = 25_C
PD
2.5
W
Maximum Power Dissipationa, b
TA = 70_C
PD
1.6
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
P
Sb l
N-Channel
P- Channel
Ui
Parameter
Symbol
Typ
Max
Typ
Max
Unit
Maximum Junction-to-Ambienta
t
v 10 sec
RthJA
38
50
40
50
_C/W
Maximum Junction-to-Ambienta
Steady-State
RthJA
73
95
73
95
_C/W
Maximum Junction-to-Foot
Steady-State
RthJC
17
22
20
26
Notes
a.
Surface Mounted on FR4 Board.
b.
t
v 10 sec


Similar Part No. - SI4500DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4500BDY VISHAY-SI4500BDY Datasheet
78Kb / 8P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 26-Jul-04
SI4500BDY VISHAY-SI4500BDY Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI4500BDY VISHAY-SI4500BDY Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
SI4500BDY-E3 VISHAY-SI4500BDY-E3 Datasheet
78Kb / 8P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 26-Jul-04
SI4500BDY-T1 VISHAY-SI4500BDY-T1 Datasheet
78Kb / 8P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 26-Jul-04
More results

Similar Description - SI4500DY

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY Datasheet
65Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
14-Jun-04
SI3850ADV VISHAY-SI3850ADV_08 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI3850ADV VISHAY-SI3850ADV_09 Datasheet
214Kb / 13P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 12-Oct-09
SI4500BDY VISHAY-SI4500BDY_06 Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI3850ADV VISHAY-SI3850ADV_V01 Datasheet
120Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
01-Jan-2022
SI4500BDY VISHAY-SI4500BDY_09 Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
SI4501DY VISHAY-SI4501DY Datasheet
58Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 19-Jul-99
logo
Guangdong Kexin Industr...
KI4501ADY KEXIN-KI4501ADY Datasheet
57Kb / 2P
   Complementary (N- and P-Channel) MOSFET Half-Bridge
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com