Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3P25811 Datasheet(PDF) 5 Page - ON Semiconductor

Part # PCS3P25811
Description  Spread Spectrum Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P25811 Datasheet(HTML) 5 Page - ON Semiconductor

  PCS3P25811_15 Datasheet HTML 1Page - ON Semiconductor PCS3P25811_15 Datasheet HTML 2Page - ON Semiconductor PCS3P25811_15 Datasheet HTML 3Page - ON Semiconductor PCS3P25811_15 Datasheet HTML 4Page - ON Semiconductor PCS3P25811_15 Datasheet HTML 5Page - ON Semiconductor PCS3P25811_15 Datasheet HTML 6Page - ON Semiconductor PCS3P25811_15 Datasheet HTML 7Page - ON Semiconductor PCS3P25811_15 Datasheet HTML 8Page - ON Semiconductor PCS3P25811_15 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PCS3P25811, PCS3P25812, PCS3P25814
www.onsemi.com
5
Table 7. AC ELECTRICAL CHARACTERISTICS
Symbol
Units
Max
Typ
Min
Parameter
TJC
(Note 2)
Cy−Cy Jitter,
for ModOUT with Spread ON
(for Commercial temperature)
PCS3P25811
4 MHz
600
pS
8 MHz
450
PCS3P25812
16 MHz
400
32 MHz
380
PCS3P25814
64 MHz
380
128 MHz
380
Cy−Cy Jitter,
for ModOUT with Spread ON
(for Industrial temperature)
PCS3P25811
PCS3P25812
PCS3P25814
CLKIN = 6 MHz
500
pS
CLKIN = 12 MHz
400
CLKIN = 24 MHz
380
tON
(Note 2)
PLL Lock Time
(Stable power supply, valid
input clock to valid Clock on
ModOUT)
Commercial Temperature
2
mS
Industrial Temperature
3
1. Parameters are specified with 15 pF loaded outputs.
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.
Application Schematic
Figure 2. Application Schematic
C3
VDD
1
2
7
XOUT
XIN
VSS
S0
VDD
4
8
5
Y1
12 MHz
CL
CL
12 MHz (PCS3P25811)
24 MHz (PCS3P25812)
48 MHz (PCS3P25814)
VDD
ModOUT
PCS3P25811/12/14
0.1
mF
S1
3
6 FSEL
VDD
Center Spread
±0.5%
Table 8. TYPICAL CRYSTAL SPECIFICATIONS
Fundamental AT Cut Parallel Resonant Crystal
Nominal frequency
12 MHz
Frequency tolerance
±30 ppm or better at 25°C
Operating temperature range
−25
°C to +85°C
Storage temperature
−40
°C to +85°C
Load capacitance
18 pF
Shunt capacitance
7 pF maximum
ESR
25
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.


Similar Part No. - PCS3P25811_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811_1 Datasheet
384Kb / 9P
   Spread Spectrum Clock Generator
NOVEMBER 2010 ??Rev. 1.1
More results

Similar Description - PCS3P25811_15

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com